Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4EXP240L-1277 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA4EXP240L-1277
Description  Silicon Double Balanced HMIC Mixer 2300 - 2800 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4EXP240L-1277 Datasheet(HTML) 1 Page - Tyco Electronics

  MA4EXP240L-1277 Datasheet HTML 1Page - Tyco Electronics MA4EXP240L-1277 Datasheet HTML 2Page - Tyco Electronics MA4EXP240L-1277 Datasheet HTML 3Page - Tyco Electronics MA4EXP240L-1277 Datasheet HTML 4Page - Tyco Electronics MA4EXP240L-1277 Datasheet HTML 5Page - Tyco Electronics MA4EXP240L-1277 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Silicon Double Balanced
HMIC Mixer 2300 - 2800 MHz
MA4EXP240L-1277
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
RoHS
Compliant
Features
• + 18 dBm Typical Input IP3
• 8. 3 dB Typical Conversion Loss
• + 5 to + 9 dBm LO Drive
• Fully Balanced Passive Mixer
• NO External Matching Required
• Low Cost Miniature Plastic MLP Package
Lead Free ( RoHS Compliant ) with 260 °C
Reflow Capability
• 100 % MATTE Tin Plating
Description and Applications
M/A-COM's MA4EXP240L-1277 is a silicon mono-
lithic 2300-2800 MHz , low barrier, double balanced
mixer in a low cost, miniature surface mount FQFP-N
3mm Square, 16 lead plastic package. The die uses
M/A-COM’s unique HMIC silicon/glass process to
realize low loss passive elements while retaining the
advantages of low barrier silicon schottky barrier
diodes to produce a compact device.
These mixers are well suited for applications where
small size and high performance are required. Typi-
cal
applications
include
frequency
conversion,
modulation, and demodulation in wireless receivers
and transmitters.
MLP 3mm Package
(Circuit Side View)
PIN Configuration
1
PIN 1
PIN 16
PIN
Function
PIN
Function
1
N/C
9
N/C
2
N/C
10
RF
3
LO
11
N/C
4
N/C
12
N/C
5
N/C
13
N/C
6
N/C
14
IF
7
N/C
15
N/C
8
N/C
16
N/C
1. Package bottom is electrical ground
Ordering Information
Part Number
Package
MA4EXP240L-1277T
Tape and Reel


Similar Part No. - MA4EXP240L-1277

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4EXP240L-1277 MA-COM-MA4EXP240L-1277 Datasheet
114Kb / 6P
   Silicon Double Balanced HMIC Mixer
MA4EXP240L-1277T MA-COM-MA4EXP240L-1277T Datasheet
114Kb / 6P
   Silicon Double Balanced HMIC Mixer
More results

Similar Description - MA4EXP240L-1277

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAMX-090240-1277MT MACOM-MAMX-090240-1277MT Datasheet
400Kb / 5P
   Silicon Doubled Balanced HMIC Mixer 2300 - 2800 MHz
MA4EXP190H-1225 MACOM-MA4EXP190H-1225 Datasheet
104Kb / 4P
   Silicon Double Balanced HMIC Mixer, 2000 - 2300 MHz
logo
M/A-COM Technology Solu...
MA4EX190H1-1225T MA-COM-MA4EX190H1-1225T Datasheet
79Kb / 3P
   Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
MA4EX190L-1225T MA-COM-MA4EX190L-1225T Datasheet
75Kb / 2P
   Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
logo
Tyco Electronics
MA4EX190H1-1225T MACOM-MA4EX190H1-1225T Datasheet
90Kb / 3P
   Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
logo
M/A-COM Technology Solu...
MA4EX190H1-1225T_V3 MA-COM-MA4EX190H1-1225T_V3 Datasheet
93Kb / 3P
   Silicon Double Balanced HMIC Mixer
MAMX-090950-1277LT MA-COM-MAMX-090950-1277LT Datasheet
91Kb / 4P
   Silicon Double Balanced HMIC Mixer
MA4EX580L-1225T MA-COM-MA4EX580L-1225T Datasheet
86Kb / 3P
   Silicon Double Balanced HMIC Mixer
MA4EX950H1-1225T_V3 MA-COM-MA4EX950H1-1225T_V3 Datasheet
98Kb / 3P
   Silicon Double Balanced HMIC Mixer
MA4EXP190H1-1277T_V3 MA-COM-MA4EXP190H1-1277T_V3 Datasheet
104Kb / 6P
   Silicon Double Balanced HMIC Mixer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com