Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4EXP190H1-1277T Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA4EXP190H1-1277T
Description  Silicon Double Balanced HMIC Mixer 1700 - 2200 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4EXP190H1-1277T Datasheet(HTML) 1 Page - Tyco Electronics

  MA4EXP190H1-1277T Datasheet HTML 1Page - Tyco Electronics MA4EXP190H1-1277T Datasheet HTML 2Page - Tyco Electronics MA4EXP190H1-1277T Datasheet HTML 3Page - Tyco Electronics MA4EXP190H1-1277T Datasheet HTML 4Page - Tyco Electronics MA4EXP190H1-1277T Datasheet HTML 5Page - Tyco Electronics MA4EXP190H1-1277T Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Silicon Double Balanced HMIC
Mixer 1700 - 2200 MHz
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
1
MA4EXP190H1-1277T
RoHS
Compliant
Features
• + 33 dBm Typical Input IP3
• 8. 3 dB Typical Conversion Loss
• + 17 to + 19 dBm LO Drive
• Fully Balanced Passive Mixer
• NO External Matching Required
• Low Cost Miniature Plastic MLP Package
• Lead Free ( RoHS Compliant ) With 260 °C.
Reflow Capability
• 100% MATTE Tin Plating
Description and Applications
M/A-COM's
MA4EXP190H1-1277T
is
a
silicon
monolithic 1700-2200 MHz, high barrier, double
balanced mixer in a low cost, miniature surface
mount FQFP-N 3mm Square, 16 lead plastic
package. The die uses M/A-COM’s unique HMIC
silicon/glass process to realize low loss passive
elements while retaining the advantages of high
barrier silicon schottky barrier diodes to produce a
compact device.
These mixers are well suited for GSM, DCS, PCS,
CDMA and UMTS base station applications where
small size and high performance are required.
Typical applications include frequency conversion,
modulation, and demodulation in wireless receivers
and transmitters.
MLP 3mm Package
(Circuit Side View)
Absolute Maximum Ratings
1
Parameter
Maximum Ratings
Operating Temperature
-40 °C to +85 °C
Storage Temperature
-65 °C to +150 °C
Incident LO Power
+20 dBm C.W.
Incident RF Power
+20 dBm C.W.
Soldering Temperature
+260 °C
1. Exceeding these limits may cause permanent damage.
* Please refer to application note M538 for surface mounting
instructions.
PIN Configuration
Mixer Schematic
PIN 1
PIN 16
PIN
Function
PIN
Function
1
N/C
9
N/C
2
N/C
10
RF
3
LO
11
N/C
4
N/C
12
N/C
5
N/C
13
N/C
6
N/C
14
IF
7
N/C
15
N/C
8
N/C
16
N/C
Ordering Information
Part Number
Package
MA4EXP190H1-1277T
Tape and Reel
LO
IF
RF


Similar Part No. - MA4EXP190H1-1277T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4EXP190H1-1277T MA-COM-MA4EXP190H1-1277T Datasheet
89Kb / 6P
   Silicon Double Balanced HMIC Mixer 1700 - 2200 MHz
MA4EXP190H1-1277T MA-COM-MA4EXP190H1-1277T Datasheet
104Kb / 6P
   Silicon Double Balanced HMIC Mixer
MA4EXP190H1-1277T_V3 MA-COM-MA4EXP190H1-1277T_V3 Datasheet
104Kb / 6P
   Silicon Double Balanced HMIC Mixer
More results

Similar Description - MA4EXP190H1-1277T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4EXP190H1-1277T MA-COM-MA4EXP190H1-1277T Datasheet
89Kb / 6P
   Silicon Double Balanced HMIC Mixer 1700 - 2200 MHz
MAEXP190H-1277T MA-COM-MAEXP190H-1277T Datasheet
85Kb / 6P
   Silicon Double Balanced HMIC Mixer 1700 - 2200 MHz
MA4EX190H1-1225T MA-COM-MA4EX190H1-1225T Datasheet
79Kb / 3P
   Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
MA4EX600L1-1225T MA-COM-MA4EX600L1-1225T Datasheet
89Kb / 3P
   Silicon Double Balanced HMIC Mixer 1700 - 2500 MHz
MA4EX240H-1225T MA-COM-MA4EX240H-1225T Datasheet
88Kb / 2P
   Silicon Double Balanced HMIC Mixer 1700 - 2500 MHz
logo
Tyco Electronics
MA4EX240L-1225 MACOM-MA4EX240L-1225 Datasheet
42Kb / 2P
   Silicon Double Balanced HMIC Mixer 1700 - 2500 MHz
MA4EX240L1-1225T MACOM-MA4EX240L1-1225T Datasheet
71Kb / 3P
   Silicon Double Balanced HMIC Mixer 1700 - 2500 MHz
logo
M/A-COM Technology Solu...
MA4EX190L-1225T MA-COM-MA4EX190L-1225T Datasheet
75Kb / 2P
   Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
logo
Tyco Electronics
MA4EX190H1-1225T MACOM-MA4EX190H1-1225T Datasheet
90Kb / 3P
   Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
logo
M/A-COM Technology Solu...
MA4EX240L1-1225T MA-COM-MA4EX240L1-1225T Datasheet
64Kb / 3P
   Silicon Double Balanced HMIC Mixer 1700 - 2500 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com