Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ52XXB-T1 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # MMBZ52XXB-T1
Description  350mW SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

MMBZ52XXB-T1 Datasheet(HTML) 2 Page - Won-Top Electronics

  MMBZ52XXB-T1 Datasheet HTML 1Page - Won-Top Electronics MMBZ52XXB-T1 Datasheet HTML 2Page - Won-Top Electronics MMBZ52XXB-T1 Datasheet HTML 3Page - Won-Top Electronics MMBZ52XXB-T1 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBZ5221B – MMBZ5262B
2 of 4
© 2006 Won-Top Electronics
Electrical Characteristics @T
A=25°C unless otherwise specified
Zener Voltage Range
(Note 2)
Maximum Zener Impedance
(Note 3)
Max Reverse
Leakage Current
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR
@ VR
Typical Temp.
Coefficient of
Zener Voltage
Type
Number
(Note 1)
Device
Marking
Code
Nom (V)
Min (V)
Max (V)
Ω
Ω
Ω)
(mA)
Ω
Ω
Ω)
(mA)
(µA)
(V)
(%/K)
MMBZ5221B
MMBZ5222B
MMBZ5223B
MMBZ5225B
C1
C2
C3
C5
2.4
2.5
2.7
3.0
2.28
2.38
2.57
2.85
2.52
2.63
2.84
3.15
30
30
30
30
20
20
20
20
1200
1250
1300
1600
0.25
0.25
0.25
0.25
100
100
75
50
1.0
1.0
1.0
1.0
-0.075
-0.075
-0.075
-0.075
MMBZ5226B
MMBZ5227B
MMBZ5228B
MMBZ5229B
D1
D2
D3
D4
3.3
3.6
3.9
4.3
3.14
3.42
3.71
4.09
3.47
3.78
4.10
4.52
28
24
23
22
20
20
20
20
1600
1700
1900
2000
0.25
0.25
0.25
0.25
25
15
10
5.0
1.0
1.0
1.0
1.0
-0.070
-0.065
-0.060
-0.055
MMBZ5230B
MMBZ5231B
MMBZ5232B
MMBZ5234B
D5
E1
E2
E4
4.7
5.1
5.6
6.2
4.47
4.85
5.32
5.89
4.94
5.36
5.88
6.51
19
17
11
7.0
20
20
20
20
1900
1600
1600
1000
0.25
0.25
0.25
0.25
5.0
5.0
5.0
5.0
2.0
2.0
3.0
4.0
±0.030
±0.030
+0.038
+0.045
MMBZ5235B
MMBZ5236B
MMBZ5237B
MMBZ5239B
E5
F1
F2
F4
6.8
7.5
8.2
9.1
6.46
7.13
7.79
8.65
7.14
7.88
8.61
9.56
5.0
6.0
8.0
10
20
20
20
20
750
500
500
600
0.25
0.25
0.25
0.25
3.0
3.0
3.0
3.0
5.0
6.0
6.0
6.5
+0.050
+0.058
+0.062
+0.068
MMBZ5240B
MMBZ5241B
MMBZ5242B
MMBZ5243B
F5
H1
H2
H3
10
11
12
13
9.50
10.45
11.40
12.35
10.50
11.55
12.60
13.65
17
22
30
13
20
20
20
9.5
600
600
600
600
0.25
0.25
0.25
0.25
3.0
2.0
1.0
0.5
8.0
8.4
9.1
9.9
+0.075
+0.076
+0.077
+0.079
MMBZ5245B
MMBZ5246B
MMBZ5248B
MMBZ5250B
H5
J1
J3
J5
15
16
18
20
14.25
15.20
17.10
19.00
15.75
16.80
18.90
21.00
16
17
21
25
8.5
7.8
7.0
6.2
600
600
600
600
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
11
12
14
15
+0.082
+0.083
+0.085
+0.086
MMBZ5251B
MMBZ5252B
MMBZ5254B
MMBZ5255B
K1
K2
K4
K5
22
24
27
28
20.90
22.80
25.65
26.60
23.10
25.20
28.35
29.40
29
33
41
44
5.6
5.2
5.0
4.5
600
600
600
600
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
17
18
21
21
+0.087
+0.087
+0.090
+0.091
MMBZ5256B
MMBZ5257B
MMBZ5258B
MMBZ5259B
M1
M2
M3
M4
30
33
36
39
28.50
31.35
34.20
37.05
31.50
34.65
37.80
40.95
49
58
70
80
4.2
3.8
3.4
3.2
600
700
700
800
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
23
25
27
30
+0.091
+0.092
+0.093
+0.094
MMBZ5260B
MMBZ5261B
MMBZ5262B
M5
N1
N2
43
47
51
40.85
44.65
48.45
45.15
49.35
53.55
93
105
125
3.0
2.7
2.5
900
1000
1100
0.25
0.25
0.25
0.1
0.1
0.1
33
36
39
+0.095
+0.095
+0.096
Note: 1. Type numbers listed have standard tolerance on the nominal zener voltage of ±5%.
2. Measured with pulses tp = 1ms.
3. f = 1KHz


Similar Part No. - MMBZ52XXB-T1

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
MMBZ52XXB HOTTECH-MMBZ52XXB Datasheet
416Kb / 3P
   Plastic-Encapsulate Diodes
logo
SeCoS Halbleitertechnol...
MMBZ52XXB SECOS-MMBZ52XXB Datasheet
84Kb / 5P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
logo
ON Semiconductor
MMBZ52XXBLT1 ONSEMI-MMBZ52XXBLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
July, 2005 ??Rev. 9
MMBZ52XXBLT1G ONSEMI-MMBZ52XXBLT1G Datasheet
72Kb / 6P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
July, 2005 ??Rev. 9
MMBZ52XXBLT1G ONSEMI-MMBZ52XXBLT1G Datasheet
172Kb / 6P
   Zener Voltage Regulators
February, 2012 ??Rev. 11
More results

Similar Description - MMBZ52XXB-T1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C2V4 DIODES-BZX84C2V4_1 Datasheet
447Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
BZX84C20-7 DIODES-BZX84C20-7 Datasheet
87Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4 DSK-BZX84C2V4 Datasheet
313Kb / 5P
   350mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com