Part Name
         Description
MA4EX240H-1225T_1

 Silicon Double Balanced HMIC Mixer, 1700 - 2500 MHz ( 4 Page)


MACOM
100% 
Zoom Out Zoom In
   
 3 page
background image
Silicon Double Balanced HMICTM Mixer, 1700 - 2500 MHz
MA4EX240H-1225T
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
3
Typical Performance Curves (LO Drive = +15 dBm, RF = -10 dBm, IF = 60 MHz)
IF VSWR
Input IP3 & 1 dB Compression Point
Isolation
Conversion Loss
-25
-20
-15
-10
-5
0
1700 1750 1800 1850 1900 1950 2000 2050 2100 2150 2200 2250 2300 2350 2400 2450 2500
FREQUENCY (MHz)
R-I
L-I
L-R
0
5
10
15
20
25
30
1700 1750 1800 1850 1900 1950 2000 2050 2100 2150 2200 2250 2300 2350 2400 2450 2500
FREQUENCY (MHz)
1db Compression
PLO = 17dBm
PLO = 15dBm
PLO = 13dBm
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
2.60
1700 1750 1800 1850 1900 1950 2000 2050 2100 2150 2200 2250 2300 2350 2400 2450 2500
50
100 150 200 250 300 350 400 450
500
FREQUENCY (MHz)
I Port
R Port
5.000
5.500
6.000
6.500
7.000
7.500
8.000
8.500
FREQUENCY (MHz)
PLO = 17dBm
PLO = 13dBm
PLO = 15dBm



Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MA4EX190H1-1225TSilicon Double Balanced HMIC Mixer 1700 - 2300 MHz 1 2 3 Tyco Electronics
EMD40-900L_1E-Series HMIC Double Balanced Surface Mount Mixer 700 - 1400 MHz 1 2 3 Tyco Electronics
MA4EX180M-1225T_1Silicon Double Balanced HMICTM Mixer 1300 - 1900 MHz 1 2 3 Tyco Electronics
DBM-700HHigh Level Subminiature Mismatch Insensitive Flatpack Double Balanced Mixer 1-3500 MHz 1 2 List of Unclassifed Manufacturers
SPM6-250HLOW COST MINIATURE DOUBLE BALANCED MIXER 50-250 MHz 1 SIRENZA MICRODEVICES
SPM6-1000MLOW COST MINIATURE DOUBLE BALANCED MIXER 10-1000 MHz 1 SIRENZA MICRODEVICES
SPM6-2200HLOW COST MINIATURE DOUBLE BALANCED MIXER 10-2200 MHz 1 SIRENZA MICRODEVICES
SRM-20161700 - 2300 MHz High Linearity Active Receive Mixer 1 2 3 4 5 MoreSIRENZA MICRODEVICES
STM-31162100 - 2500 MHz High Linearity Active Transmit Mixer 1 2 3 4 5 MoreSIRENZA MICRODEVICES
ESMD-C50H_1E-Series Surface Mount Mixer 80 - 2500 MHz 1 2 3 4 Tyco Electronics

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl