Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4E2514 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA4E2514
Description  SURMOUNT Low and Medium Barrier Silicon Schottky Diodes: Tee Pair
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4E2514 Datasheet(HTML) 2 Page - Tyco Electronics

  MA4E2514 Datasheet HTML 1Page - Tyco Electronics MA4E2514 Datasheet HTML 2Page - Tyco Electronics MA4E2514 Datasheet HTML 3Page - Tyco Electronics MA4E2514 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SurMount
TM Low and Medium Barrier Silicon Schottky Diodes: Tee Pair
MA4E2514 Series
V 2.00
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1908) 574 200, Fax+44 (1908) 574 300
2
Electrical Specifications: @ 25 °C (Measured as Single Diodes)
Rt is the dynamic slope resistance where
Rt = Rs + Rj, where Rj = 26 / Idc (Idc is in mA) and Rs is the
Ohmic Resistance
Handling
All semiconductor chips should be handled with care to avoid
damage or contamination from perspiration and skin oils. The
use of plastic tipped tweezers or vacuum pickups is strongly
recommended for individual components. The top surface of
the die has a protective polyimide coating to minimize damage.
The rugged construction of these SurMount devices allows the
use of standard handling and die attach techniques. It is
important to note that industry standard electrostatic discharge
(ESD) control is required at all times, due to the sensitive
nature of Schottky junctions.
Bulk handling should insure that abrasion and mechanical
shock are minimized.
Parameter
Value
Operating Temperature
-40 °C to +150 °C
Storage Temperature
-40 °C to +150 °C
Forward Current
20 mA
Reverse Voltage
5 V
RF C.W. Incident Power
+ 20 dBm
RF & DC Dissipated Power
50 mW
Absolute Maximum Ratings
1
1. Exceeding any of these values may result in permanent
damage
Model
Number
Type
Recommended
Frequency
Range
Vf @ 1
mA
( mV )
Vf @ 10 uA
( V )
Ct @ 0 V
( pF )
Rt Slope Resistance
( Vf1 - Vf2 )/(10.5 mA-9.5 mA )
(
Ω )
MA4E2514L
Low
Barrier
DC - 18 GHz
330 Max
300 Typ
3 Min
5 Typ
0.12 Max
0.10 Typ
16 Typ
20 Max
MA4E2514M
Medium
Barrier
DC - 18 GHz
470 Max
400 Typ
3 Min
5 Typ
0.12 Max
0.10 Typ
12 Typ
18 Max
Max Forward Voltage Difference
∆Vf @ 1 mA: 10 mV
Max Total Capacitance Difference
∆Ct @ 0 V: 0.03 pF
Die Bonding
Die attach for these devices is made simple through the use
of surface mount die attach technology. Mounting pads are
conveniently located on the bottom surface of these
devices, and are opposite the active junction. The devices
are well suited for higher temperature solder attachment
onto hard substrates. 80Au/20Sn and Sn63/Pb37/Ag solders
are acceptable for usage.
For Hard substrates, we recommend utilizing a vacuum tip
and force of 60 to 100 grams applied uniformly to the top
surface of the device, using a hot gas bonder with equal
heat applied across the bottom mounting pads of the device.
When soldering to soft substrates, it is recommended to use
a lead-tin interface at the circuit board mounting pads.
Position the die so that its mounting pads are aligned with
the circuit board mounting pads. Reflow the solder paste by
applying Equal heat to the circuit at both die-mounting
pads. The solder joint must Not be made one at a time,
creating un-equal heat flow and thermal stress. Solder
reflow should Not be performed by causing heat to flow
through the top surface of the die. Since the HMIC glass is
transparent, the edges of the mounting pads can be visually
inspected through the die after die attach is completed.


Similar Part No. - MA4E2514

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4E2514 MA-COM-MA4E2514 Datasheet
103Kb / 4P
   SURMOUNTTM Low and Medium Barrier Silicon Schottky Diodes: Tee Pair
MA4E2514L MA-COM-MA4E2514L Datasheet
103Kb / 4P
   SURMOUNTTM Low and Medium Barrier Silicon Schottky Diodes: Tee Pair
MA4E2514L-1116 MA-COM-MA4E2514L-1116 Datasheet
103Kb / 4P
   SURMOUNTTM Low and Medium Barrier Silicon Schottky Diodes: Tee Pair
MA4E2514L-1116T MA-COM-MA4E2514L-1116T Datasheet
103Kb / 4P
   SURMOUNTTM Low and Medium Barrier Silicon Schottky Diodes: Tee Pair
MA4E2514L-1116W MA-COM-MA4E2514L-1116W Datasheet
103Kb / 4P
   SURMOUNTTM Low and Medium Barrier Silicon Schottky Diodes: Tee Pair
More results

Similar Description - MA4E2514

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4E2514 MA-COM-MA4E2514 Datasheet
103Kb / 4P
   SURMOUNTTM Low and Medium Barrier Silicon Schottky Diodes: Tee Pair
logo
Tyco Electronics
MA4E2513 MACOM-MA4E2513 Datasheet
90Kb / 3P
   SURMOUNT Low Barrier Tee ??301??Footprint Silicon Schottky Diodes
MA4E2532 MACOM-MA4E2532 Datasheet
109Kb / 4P
   SURMOUNT Low & Medium Barrier Silicon Schottky Diodes: Ring Quad Series
logo
M/A-COM Technology Solu...
MA4E2508 MA-COM-MA4E2508_15 Datasheet
224Kb / 5P
   SURMOUNT Low, Medium, & High Barrier Silicon
MA4E2532L-1113 MA-COM-MA4E2532L-1113 Datasheet
108Kb / 4P
   SURMOUNT Low & Medium Barrier
logo
Tyco Electronics
MA4E2508 MACOM-MA4E2508 Datasheet
102Kb / 4P
   SURMOUNTTM Low and Medium & High Barrier Silicon Schottky Diodes: Anti-Parallel Pair
logo
M/A-COM Technology Solu...
MA4E2513L-1289 MA-COM-MA4E2513L-1289 Datasheet
105Kb / 3P
   SURMOUNTTM Low Barrier Tee ??301??Footprint Silicon Schottky Diodes
MA4E2508 MA-COM-MA4E2508 Datasheet
103Kb / 4P
   SURMOUNTTM Low, Medium, & High Barrier Silicon Schottky Diodes: Anti-Parallel Pair
logo
Tyco Electronics
MA4E2502 MACOM-MA4E2502 Datasheet
269Kb / 4P
   SURMOUNTTM Low, Medium and High Barrier Silicon Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E2502 MA-COM-MA4E2502 Datasheet
115Kb / 5P
   SURMOUNTTM Low, Medium, and High Barrier Silicon Schottky Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com