Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4E2513-1289 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MA4E2513-1289
Description  SURMOUNT Low Barrier Tee ??301??Footprint Silicon Schottky Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4E2513-1289 Datasheet(HTML) 3 Page - Tyco Electronics

  MA4E2513-1289 Datasheet HTML 1Page - Tyco Electronics MA4E2513-1289 Datasheet HTML 2Page - Tyco Electronics MA4E2513-1289 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SURMOUNTTM Low Barrier Tee
“0301” Footprint Silicon Schottky Diodes
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
3
Series V1
MA4E2513-1289
MA4E2513L-1289 Low Barrier SPICE PARAMETERS
Is
(nA)
Rs
(
Ω )
N
Cj0
( pF )
M
Ik
(mA)
Cpar
(pF)
Vj
(V)
FC
BV
(V)
IBV
(mA)
26
12.8
1.20
1.0 E-2
0.5
14
9.0 E-2
8.0 E-2
0.5
5.0
1.0 E-2
Circuit Mounting Dimensions (Inches)
Ordering Information
Part Number
Package
MA4E2513L-1289W
Wafer on Frame
MA4E2513L-1289
Die in Carrier
MA4E2513L-1289T
Tape/Reel
Typical Performance
0.007
0.010
0.008
0.007
0.010
0.000
0.020
0.040
0.060
0.080
0.100
0.120
0.140
0
100
200
300
400
500
Frequency (MHz)


Similar Part No. - MA4E2513-1289

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4E2513L-1289 MA-COM-MA4E2513L-1289 Datasheet
105Kb / 3P
   SURMOUNTTM Low Barrier Tee ??301??Footprint Silicon Schottky Diodes
MA4E2513L-1289W MA-COM-MA4E2513L-1289W Datasheet
105Kb / 3P
   SURMOUNTTM Low Barrier Tee ??301??Footprint Silicon Schottky Diodes
More results

Similar Description - MA4E2513-1289

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4E2513L-1289 MA-COM-MA4E2513L-1289 Datasheet
105Kb / 3P
   SURMOUNTTM Low Barrier Tee ??301??Footprint Silicon Schottky Diodes
logo
Tyco Electronics
MA4E2514 MACOM-MA4E2514 Datasheet
104Kb / 4P
   SURMOUNT Low and Medium Barrier Silicon Schottky Diodes: Tee Pair
MA4E2532 MACOM-MA4E2532 Datasheet
109Kb / 4P
   SURMOUNT Low & Medium Barrier Silicon Schottky Diodes: Ring Quad Series
MA4E2501-1290 MACOM-MA4E2501-1290 Datasheet
106Kb / 3P
   SURMOUNTTM Low Barrier 0201 Footprint Silicon Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E2501 MA-COM-MA4E2501 Datasheet
60Kb / 3P
   SURMOUNTTM Low Barrier 0201 Footprint Silicon Schottky Diodes
MA4E2514 MA-COM-MA4E2514 Datasheet
103Kb / 4P
   SURMOUNTTM Low and Medium Barrier Silicon Schottky Diodes: Tee Pair
MA4E2508 MA-COM-MA4E2508_15 Datasheet
224Kb / 5P
   SURMOUNT Low, Medium, & High Barrier Silicon
MSS30-XXX-X MA-COM-MSS30-XXX-X Datasheet
706Kb / 5P
   Low Barrier Silicon Schottky Diodes
logo
Advanced Semiconductor
ABL1601A ASI-ABL1601A Datasheet
20Kb / 1P
   SILICON BEAM LEAD SCHOTTKY DIODES SERIES TEE
logo
M/A-COM Technology Solu...
MA4E2532L-1113 MA-COM-MA4E2532L-1113 Datasheet
108Kb / 4P
   SURMOUNT Low & Medium Barrier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com