Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7840AQ Datasheet(PDF) 9 Page - Analog Devices

Part # AD7840AQ
Description  LC2MOS Complete 14-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7840AQ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7840AQ Datasheet HTML 5Page - Analog Devices AD7840AQ Datasheet HTML 6Page - Analog Devices AD7840AQ Datasheet HTML 7Page - Analog Devices AD7840AQ Datasheet HTML 8Page - Analog Devices AD7840AQ Datasheet HTML 9Page - Analog Devices AD7840AQ Datasheet HTML 10Page - Analog Devices AD7840AQ Datasheet HTML 11Page - Analog Devices AD7840AQ Datasheet HTML 12Page - Analog Devices AD7840AQ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD7840
REV. B
–9–
Figure 11. AD7840 Dynamic Performance Test Circuit
The digitizer sampling is synchronized with the AD7840 update
rate to ease FFT calculations. The digitizer samples the
AD7840 after the output has settled to its new value. Therefore,
if the digitizer was to sample the output directly it would effec-
tively be sampling a dc value each time. As a result, the dynamic
performance of the AD7840 would not be measured correctly.
Using the digitizer directly on the AD7840 output would give
better results than the actual performance of the AD7840. Us-
ing a filter between the DAC and the digitizer means that the
digitizer samples a continuously moving signal and the true dy-
namic performance of the AD7840 is measured.
Some applications will require improved performance versus fre-
quency from the AD7840. In these applications, a simple
sample-and-hold circuit such as that outlined in Figure 12 will
extend the very good performance of the AD7840 to 20 kHz.
Figure 12. Sample-and-Hold Circuit
Other applications will already have an inherent sample-and-
hold function following the AD7840. An example of this type of
application is driving a switched-capacitor filter where the up-
dating of the DAC is synchronized with the switched-capacitor
filter. This inherent sample-and-hold function also extends the
frequency range performance of the AD7840.
Performance versus Frequency
The typical performance plots of Figures 13 and 14 show the
AD7840’s performance over a wide range of input frequencies
at an update rate of 100 kHz. The plot of Figure 13 is without a
sample-and-hold on the AD7840 output while the plot of Figure
14 is generated with the sample-and-hold circuit of Figure 12 on
the output.
Figure 13. Performance vs. Frequency
(No Sample-and-Hold)
Figure 14. Performance vs. Frequency
(with Sample-and-Hold)


Similar Part No. - AD7840AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7840 AD-AD7840_15 Datasheet
339Kb / 16P
   LC MOS Complete 14-Bit DAC
REV. B
More results

Similar Description - AD7840AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7845 AD-AD7845 Datasheet
195Kb / 12P
   LC2MOS Complete 12-Bit Multiplying DAC
REV. B
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7871 AD-AD7871 Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872JRZ AD-AD7872JRZ Datasheet
267Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7535 AD-AD7535 Datasheet
496Kb / 12P
   LC2MOS uP-COMPATIBLE 14-BIT DAC
REV. A
AD7536 AD-AD7536 Datasheet
620Kb / 12P
   LC2MOS 14-BIT uP-COMPATIBLE DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com