Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHW80NQ10T Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PHW80NQ10T
Description  N-channel TrenchMOS transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHW80NQ10T Datasheet(HTML) 1 Page - NXP Semiconductors

  PHW80NQ10T Datasheet HTML 1Page - NXP Semiconductors PHW80NQ10T Datasheet HTML 2Page - NXP Semiconductors PHW80NQ10T Datasheet HTML 3Page - NXP Semiconductors PHW80NQ10T Datasheet HTML 4Page - NXP Semiconductors PHW80NQ10T Datasheet HTML 5Page - NXP Semiconductors PHW80NQ10T Datasheet HTML 6Page - NXP Semiconductors PHW80NQ10T Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
N-channel TrenchMOS
™ transistor
PHW80NQ10T
FEATURES
SYMBOL
QUICK REFERENCE DATA
• ’Trench’ technology
• Very low on-state resistance
V
DSS = 100 V
• Fast switching
• Low thermal resistance
I
D = 80 A
R
DS(ON) ≤ 15 mΩ
GENERAL DESCRIPTION
PINNING
SOT429 (TO247)
N-channel
enhancement
mode
PIN
DESCRIPTION
field-effect power transistor in a
plastic envelope using ’trench’
1
gate
technology.
2
drain
Applications:-
• d.c. to d.c. converters
3
source
• switched mode power supplies
tab
drain
The PHW80NQ10T is supplied in
the SOT429 (TO247) conventional
leaded package.
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DSS
Drain-source voltage
T
j = 25 ˚C to 175˚C
-
100
V
V
DGR
Drain-gate voltage
T
j = 25 ˚C to 175˚C; RGS = 20 kΩ
-
100
V
V
GS
Gate-source voltage
-
± 20
V
I
D
Continuous drain current
T
mb = 25 ˚C
-
80
A
T
mb = 100 ˚C
-
57
A
I
DM
Pulsed drain current
T
mb = 25 ˚C
-
320
A
P
D
Total power dissipation
T
mb = 25 ˚C
-
263
W
T
j, Tstg
Operating junction and
- 55
175
˚C
storage temperature
AVALANCHE ENERGY LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
E
AS
Non-repetitive avalanche
Unclamped inductive load, I
AS = 74 A;
-
481
mJ
energy
t
p = 100 µs; Tj prior to avalanche = 25˚C;
V
DD ≤ 50 V; RGS = 50 Ω; VGS = 10 V; refer
to fig:15
I
AS
Non-repetitive avalanche
-
80
A
current
d
g
s
2
3
1
August 1999
1
Rev 1.000


Similar Part No. - PHW80NQ10T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHW8N50E PHILIPS-PHW8N50E Datasheet
90Kb / 10P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.300
PHW8ND50E PHILIPS-PHW8ND50E Datasheet
91Kb / 10P
   PowerMOS transistors FREDFET, Avalanche energy rated
August 1998 Rev 1.100
More results

Similar Description - PHW80NQ10T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN057-200P PHILIPS-PSMN057-200P Datasheet
92Kb / 8P
   N-channel TrenchMOS transistor
June 2000 Rev 1.000
PHP23NQ15T PHILIPS-PHP23NQ15T Datasheet
99Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP34NQ10T PHILIPS-PHP34NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHX23NQ10T PHILIPS-PHX23NQ10T Datasheet
61Kb / 8P
   N-channel TrenchMOS transistor
September 1999 Rev 1.000
PSMN040-200W PHILIPS-PSMN040-200W Datasheet
86Kb / 7P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
logo
New Jersey Semi-Conduct...
IRF630_13 NJSEMI-IRF630_13_06 Datasheet
923Kb / 3P
   N-channel TrenchMOS transistor
logo
NXP Semiconductors
PSMN009-100W PHILIPS-PSMN009-100W Datasheet
121Kb / 4P
   N-channel TrenchMOS transistor
February 1999 Rev 1.000
PSMN015-100B PHILIPS-PSMN015-100B Datasheet
146Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
PSMN130-200D PHILIPS-PSMN130-200D Datasheet
143Kb / 12P
   N-channel TrenchMOS transistor
August 1999
PHP18NQ20T PHILIPS-PHP18NQ20T Datasheet
96Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP27NQ10T PHILIPS-PHP27NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com