Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT2856INJ-EE-T1 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT2856INJ-EE-T1
Description  High Current Charge Pump with Dual LDO for BacklightApplications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2856INJ-EE-T1 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT2856INJ-EE-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2856INJ-EE-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2856INJ-EE-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2856INJ-EE-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2856INJ-EE-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2856INJ-EE-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2856INJ-EE-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT2856INJ-EE-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT2856INJ-EE-T1 Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
AAT2856
High Current Charge Pump with
Dual LDO for BacklightApplications
2856.2007.06.1.0
9
Typical Characteristics
LDOs A and B Load Transient Response
(10mA to 200mA Load Step)
Time (50µs/div)
IOUT
(100mA/div)
VOUT
(AC Coupled)
(100mV/div)
IOUT = 200mA
LDOs A and B Dropout Characteristics
Input Voltage (V)
2.0
2.2
2.4
2.6
2.8
3.0
3.2
2.7
2.8
2.9
3.0
3.1
3.2
IOUT = 200mA
IOUT = 100mA
LDOs A and B Line Transient Response
(10mA Load)
Time (50µs/div)
VIN
(250mV/div)
VOUT
(AC Coupled)
(20mV/div)
VIN = 3.1V
VIN = 3.6V
LDOs A and B Line Regulation
Input Voltage (V)
-1.0
-0.5
0
0.5
1.0
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
OUTA
OUTB
LDOs A and B Output Voltage
vs. Temperature
Temperature (°C)
-1.5
-1
-0.5
0
0.5
1
1.5
-40
-15
10
35
60
85


Similar Part No. - AAT2856INJ-EE-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2856INJ-EE-T1 ANALOGICTECH-AAT2856INJ-EE-T1 Datasheet
404Kb / 18P
   High Current Charge Pump with Dual LDO for Backlight Applications
More results

Similar Description - AAT2856INJ-EE-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2856 ANALOGICTECH-AAT2856_08 Datasheet
404Kb / 18P
   High Current Charge Pump with Dual LDO for Backlight Applications
AAT2846 ANALOGICTECH-AAT2846 Datasheet
858Kb / 25P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
AAT2846 ANALOGICTECH-AAT2846_08 Datasheet
1Mb / 22P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
AAT2842 ANALOGICTECH-AAT2842 Datasheet
627Kb / 21P
   High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
AAT2842 ANALOGICTECH-AAT2842_07 Datasheet
727Kb / 22P
   High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
AAT3174 ANALOGICTECH-AAT3174 Datasheet
272Kb / 14P
   High Current, High Efficiency Charge Pump
logo
SiGe Semiconductor, Inc...
AATIAN63 SIGE-AATIAN63 Datasheet
176Kb / 4P
   High Current High Efficiency Charge Pump
logo
Analog Devices
ADP5600 AD-ADP5600 Datasheet
1Mb / 25P
   Interleaved Inverting Charge Pump with Negative LDO Regulator
logo
Advanced Analogic Techn...
AAT3177 ANALOGICTECH-AAT3177 Datasheet
776Kb / 16P
   High Current, High Efficiency Charge Pump with Auto-Timer
AAT3171 ANALOGICTECH-AAT3171 Datasheet
393Kb / 19P
   High Current, High Efficiency Charge Pump with Auto-Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com