Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7MBR50SC060 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 7MBR50SC060
Description  PIM/Built-in converter with thyristor and brake (S series)600V / 50A / PIM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7MBR50SC060 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  7MBR50SC060 Datasheet HTML 1Page - List of Unclassifed Manufacturers 7MBR50SC060 Datasheet HTML 2Page - List of Unclassifed Manufacturers 7MBR50SC060 Datasheet HTML 3Page - List of Unclassifed Manufacturers 7MBR50SC060 Datasheet HTML 4Page - List of Unclassifed Manufacturers 7MBR50SC060 Datasheet HTML 5Page - List of Unclassifed Manufacturers 7MBR50SC060 Datasheet HTML 6Page - List of Unclassifed Manufacturers 7MBR50SC060 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical characteristics (Tj=25°C unless otherwise specified)
Item
Symbol
Condition
Characteristics
Unit
Min.
Typ.
Max.
Zero gate voltage collector current
Gate-Emitter leakage current
Gate-Emitter threshold voltage
Collector-Emitter saturation voltage
Input capacitance
Turn-on time
Turn-off
Forward on voltage
Reverse recovery time of FRD
Zero gate voltage collector current
Gate-Emitter leakage current
Collector-Emitter saturation voltage
Turn-on time
Turn-off time
Reverse current
off-state current
Reverse current
Gate trigger current
Gate trigger voltage
On-state voltage
Forward on voltage
Reverse current
Resistance
B value
ICES
IGES
VGE(th)
VCE(sat)
Cies
ton
tr
toff
tf
VF
trr
ICES
IGES
VCE(sat)
ton
tr
toff
tf
IRRM
IDM
IRRM
IGT
VGT
VTM
VFM
IRRM
R
B
VCE=600V, VGE=0V
VCE=0V, VGE=±20V
VCE=20V, IC=50mA
VGE=15V, Ic=50A
chip
terminal
VGE=0V, VCE=10V, f=1MHz
VCC=300V
IC=50A
VGE=±15V
RG=51
IF=50A
chip
terminal
IF=50A
VCES=600V, VGE=0V
VCE=0V, VGE=±20V
IC=30A, VGE=15V chip
terminal
VCC=300V
IC=30A
VGE=±15V
RG=82
VR=600V
VDM=800V
VRM=800V
VD=6V, IT=1A
VD=6V, IT=1A
ITM=50A
chip
terminal
IF=50A
chip
terminal
VR=800V
T=25°C
T=100°C
T=25/50°C
150
200
8.5
2.4
1.2
0.6
1.0
0.35
2.6
300
150
200
2.4
1.2
0.6
1.0
0.35
150
1.0
1.0
100
2.5
1.3
1.5
150
5000
5.5
7.8
µA
nA
V
V
pF
µs
V
ns
µA
nA
V
µs
µA
mA
mA
mA
V
V
V
µA
K
Item
Symbol
Condition
Characteristics
Unit
Min.
Typ.
Max.
Inverter IGBT
Inverter FWD
Brake IGBT
Thyristor
Converter Diode
With thermal compound
0.63
1.33
1.04
1.00
°C/W
0.90
0.05
Thermal resistance ( 1 device )
Rth(j-c)
Contact thermal resistance
*
Rth(c-f)
Thermal resistance Characteristics
IGBT Module
7MBR50SC060
* This is the value which is defined mounting on the additional cooling fin with thermal compound
1.8
1.95
0.45
0.25
0.40
0.05
1.75
1.9
1.8
1.95
0.45
0.25
0.40
0.05
1.1
1.2
1.1
1.2
5000
465
495
520
3305
3375
3450


Similar Part No. - 7MBR50SC060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR50SC060 FUJI-7MBR50SC060 Datasheet
283Kb / 7P
   PIM/Built-in converter with thyristor and brake
More results

Similar Description - 7MBR50SC060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR30SC060 FUJI-7MBR30SC060 Datasheet
429Kb / 7P
   PIM/Built-in converter with thyristor and brake (S series) 600V / 30A / PIM
7MBR20SC060 FUJI-7MBR20SC060 Datasheet
412Kb / 7P
   PIM/Built-in converter with thyristor and brake (S series) 600V / 20A / PIM
7MBR100SD060 FUJI-7MBR100SD060 Datasheet
428Kb / 7P
   PIM/Built-in converter with thyristor and brake (600V / 100A / PIM)
7MBR75SD060 FUJI-7MBR75SD060 Datasheet
427Kb / 7P
   PIM/Built-in converter with thyristor and brake (600V / 75A / PIM)
7MBR25SC120 FUJI-7MBR25SC120 Datasheet
422Kb / 7P
   PIM/Built-in converter with thyristor and brake (S series) 1200V / 25A / PIM
7MBR10SC120 FUJI-7MBR10SC120 Datasheet
416Kb / 7P
   PIM/Built-in converter with thyristor and brake (S series) 1200V / 10A / PIM
7MBR35SD120 FUJI-7MBR35SD120 Datasheet
420Kb / 7P
   PIM/Built-in converter with thyristor and brake (S series) 1200V / 35A / PIM
logo
List of Unclassifed Man...
7MBR50SD120 ETC1-7MBR50SD120 Datasheet
430Kb / 7P
   PIM/Built-in converter with thyristor and brake (S series)
logo
Fuji Electric
7MBR15SC120 FUJI-7MBR15SC120 Datasheet
441Kb / 7P
   PIM/Built-in converter with thyristor and brake (S series) 1200V / 15A / PIM
7MBR50SC060 FUJI-7MBR50SC060 Datasheet
283Kb / 7P
   PIM/Built-in converter with thyristor and brake
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com