Electronic Components Datasheet Search |
|
NACE3300K63V3X5.5TR13F Datasheet(PDF) 2 Page - NIC-Components Corp. |
|
NACE3300K63V3X5.5TR13F Datasheet(HTML) 2 Page - NIC-Components Corp. |
2 / 3 page 2 ® NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com 3 ® NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com MAXIMUM RIPPLE CURRENT (mA rms AT 120Hz AND 85OC) MAXIMUM ESR ( Ω AT 120Hz AND 20OC) *3x5.5mm Case Size, †8x6.5mm Case Size Surface Mount Aluminum Electrolytic Capacitors NACE Series Cap ( µF) Working Voltage (Vdc) 4.0 6.3 10 16 25 35 50 63 100 0.1 - - - - - - 1.0 1.0 - 0.22 - - - - - - 2.3 2.3 - 0.33 - - - - - - 3.5 3.5 - 0.47 - - - - - - 4.0* 5.5 5.0 - 1.0 - - - - - - 8* 10 10 10 2.2 - - - - - 8* 15 15 20 3.3 - - - - - 10* 15 15 28* 50† 4.7 - - - - 12* 19 20 23 23 35 10 - - - 20* 25 28 30 34 34 50 15 - 16* - - - - - - - 22 19* 21* 31 35 39 52 54 58 120† 70 120 33 26 39 43 57 63 60 130† 65† 85 160 190 47 34 47 59 68 68 70 165† 90 170 330 68 52 63 66 75 80 110 120 - - 100 61 71 76 86 200† 91 130† 130 200 280 - 150 74 78 88 135 200 220 - - 560 220 82 95 150 250† 150 250 270 320 410 - 330 80 150 300† 280 280 310 340 520 - - 470 150 300 300 330 430 590 925 700 - 680 - 300 - 450 - 610 - - - 1000 330 330 450 - 660 - 940 - - 1500 - 450 - 710 - 1060 - - - 2200 - - 730 - 1150 - - - - 3300 - 750 - 1200 - - - - - 4700 - - 1200 - - - - - - 6800 - 1330 - - - - - - - Cap ( µF) Working Voltage (Vdc) 4.0 6.3 10 16 25 35 50 63 100 0.1 - - - - - - 1660 1660 - 0.22 - - - - - - 754 754 - 0.33 - - - - - - 503 503 - 0.47 - - - - - - 353 353 - 1.0 - - - - - - 166 166 166 2.2 - - - - - 90.4 75.4 75.4 75.4 3.3 - - - - - 60.3 50.3 50.3 50.3 90.4† 4.7 - - - - 49.4 42.3 35.3 35.3 35.3 10 - - - 26.5 23.2 19.9 16.6 16.6 16.6 15 - 33.1 - - - - - - - 22 30.1 26.5* 18.1 15.1 12.1 10.6 9,05 7.54 9.05† 7.54 7.54 33 17.6 12.6 10.1 8.04 7.04 6.04 7.04† 5.03 6.04† 6.04 5.03 47 12.4 8.47 7.06 5.65 4.95 4.24 4.95† 3.53 4.24 3.53 68 8.54 5.86 4.88 3.91 3.42 2.93 2.44 - - 100 5.80 3.98 3.32 2.66 3.32† 2.32 2.66† 1.99 1.99 1.99 - 150 3.87 2.66 2.21 1.77 1.55 1.33 - - 1.11 220 2.64 1.96 1.51 1.99† 1.21 1.21 1.06 0.91 0.91 - 330 1.76 1.31 1.76† 1.21 1.01 0.81 0.71 0.60 - - 470 1.42 1.06 0.85 0.71 0.57 0.49 0.43 0.43 - 680 - 0.59 - 0.49 - 0.34 - - - 1000 0.67 0.50 0.40 - 0.27 - 0.20 - - 1500 - 0.35 - 0.24 - 0.17 - - - 2200 - - 0.24 - 0.14 - - - - 3300 - 0.17 - 0.12 - - - - - 4700 - - 0.13 - - - - - - 6800 - 0.10 - - - - - - - RIPPLE CURRENT FREQUENCY CORRECTION FACTOR Frequency Hz 100<f<1K 1K<f<10K 10K< f<100K f >100K C<4.7µF 1.0 1.3 1.5 2.0 4.7µF<C<33µF 1.0 1.2 1.3 1.45 C>33µF 1.0 1.1 1.2 1.3 |
Similar Part No. - NACE3300K63V3X5.5TR13F |
|
Similar Description - NACE3300K63V3X5.5TR13F |