Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMF0805X7R103S50STRF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NMF0805X7R103S50STRF
Description  EMI 3-Terminal Chip Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMF0805X7R103S50STRF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NMF0805X7R103S50STRF Datasheet HTML 1Page - NIC-Components Corp. NMF0805X7R103S50STRF Datasheet HTML 2Page - NIC-Components Corp. NMF0805X7R103S50STRF Datasheet HTML 3Page - NIC-Components Corp. NMF0805X7R103S50STRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
40
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
EMBOSSED PLASTIC CARRIER TAPE DIMENSIONS (mm)
EMBOSSED PLASTIC CARRIER TAPE
T
D
Po
W
F
Ao
P
Bo
E
P2
Type
Chip
Thickness
A
o
B
o
W
F
E
P1
P2
P0
D0
T max.
Reel Qty
0603
1.0
1.5 ± 0.2
2.3 ± 0.2
8.0
± 0.2
3.5
± 0.05
1.75
± 0.1
4.0
± 0.1
2.0
± 0.1
4.0
± 0.1
1.5
+0.1
2.0
3,000
0805
1.2
2,000
B
C
E
D
W
A
REEL DIMENSIONS (mm)
AB
C
D
E
W
180 ± 2.0
50 min.
13.0 ± 0.5
21.0 ± 0.8
2.0 ± 0.5
10 ± 1.5
NMF Series
EMI 3-Terminal Chip Capacitors


Similar Part No. - NMF0805X7R103S50STRF

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMF0505D CANDD-NMF0505D Datasheet
116Kb / 2P
   Isolated 1W Regulated Single Output DC-DC Converters
logo
List of Unclassifed Man...
NMF0505DC ETC2-NMF0505DC Datasheet
450Kb / 4P
   Isolated 1W Regulated Single Output DC/DC Converters
logo
C&D Technologies
NMF0505S CANDD-NMF0505S Datasheet
116Kb / 2P
   Isolated 1W Regulated Single Output DC-DC Converters
logo
List of Unclassifed Man...
NMF0505S ETC1-NMF0505S Datasheet
38Kb / 2P
   DC/DC Converters
NMF0505SC ETC2-NMF0505SC Datasheet
450Kb / 4P
   Isolated 1W Regulated Single Output DC/DC Converters
More results

Similar Description - NMF0805X7R103S50STRF

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AEMIF-0805 ABRACON-AEMIF-0805 Datasheet
1Mb / 4P
   3-Terminal EMI Filter
07.28.14
AEMIF-0603 ABRACON-AEMIF-0603 Datasheet
1Mb / 3P
   3-Terminal EMI Filter
07.25.14
logo
Panasonic Semiconductor
EZA-NCE221M PANASONIC-EZA-NCE221M Datasheet
244Kb / 7P
   Chip 3-Terminal Capacitor Array
EZANCE101M PANASONIC-EZANCE101M Datasheet
246Kb / 6P
   Chip 3-Terminal Capacitor Array
logo
PowerDynamics, Inc
PDF016T POWERDYNAMICS-PDF016T Datasheet
378Kb / 2P
   3-PHASE, CHASSIS MOUNT WITH TERMINAL BLOCK EMI/RFI LINE FILTER.
logo
SeCoS Halbleitertechnol...
SJ78M08 SECOS-SJ78M08 Datasheet
85Kb / 2P
   3-Terminal
logo
EPCOS
B81141C1104M EPCOS-B81141C1104M Datasheet
123Kb / 4P
   EMI Suppression Capacitors
B81141C1474M EPCOS-B81141C1474M Datasheet
123Kb / 4P
   EMI Suppression Capacitors
logo
TDK Electronics
B32932 TDK-B32932 Datasheet
572Kb / 19P
   EMI Suppression Capacitors
March 2019
logo
List of Unclassifed Man...
B81133 ETC1-B81133 Datasheet
133Kb / 3P
   EMI Suppression Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com