Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML6201P302TLG Datasheet(PDF) 6 Page - Minilogic Device Corporation Limited

Part # ML6201P302TLG
Description  Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML6201P302TLG Datasheet(HTML) 6 Page - Minilogic Device Corporation Limited

  ML6201P302TLG Datasheet HTML 1Page - Minilogic Device Corporation Limited ML6201P302TLG Datasheet HTML 2Page - Minilogic Device Corporation Limited ML6201P302TLG Datasheet HTML 3Page - Minilogic Device Corporation Limited ML6201P302TLG Datasheet HTML 4Page - Minilogic Device Corporation Limited ML6201P302TLG Datasheet HTML 5Page - Minilogic Device Corporation Limited ML6201P302TLG Datasheet HTML 6Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
P6/6
Rev. A, June 2005
ML6201
Ordering Information
Marking
Designator
Description
Output Voltage
eg.
30=3.0V
a
50=5.0V
b
Output Voltage Accuracy
2 = + 2.0%
3 = + 3.0%
c
Package Type
M = SOT-23-5
P = SOT-89
T = TO-92
d
Device Orientation
R = Embossed Tape
(Orientation of Device : Right)
L = Embossed Tape
(Orientation of Device : Left)
B = Bag (TO-92)
H = Paper Tape (TO-92)
G
G = Lead Free Part
SOT-89 :
Designator
Description
1
Type
V = Positive Voltage Regulator
2,3
Output Voltage
eg. 30 = 3.0V
4
Output Voltage Accuracy
2 = + 2.0%
3 = + 3.0%
5
Internal Code
TO-92 :
Designator
Description
1
Type
V = Positive Voltage Regulator
2,3
Output Voltage
eg. 30 = 3.0V
4
Output Voltage Accuracy
2 = + 2.0%
3 = + 3.0%
5
Internal code
6, 7
Year Code
eg. 05 = Year 2005
8, 9
Week Code
eg. 30 = Week 30
The information presented in this document does not form part of any quotation or contract, is believed to be accurate and
reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use.
SOT-23-5 :
Designator
Description
1
Type
V = Positive Voltage Regulator
2,3
Output Voltage
eg. 30 = 3.0V
4
Internal Code


Similar Part No. - ML6201P302TLG

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
ML6206 MINILOGIC-ML6206 Datasheet
542Kb / 13P
   ML6206 Series Low ESR Cap. Compatible Positive Voltage Regulator
ML6206P302MBG MINILOGIC-ML6206P302MBG Datasheet
542Kb / 13P
   ML6206 Series Low ESR Cap. Compatible Positive Voltage Regulator
ML6206P302MBGG MINILOGIC-ML6206P302MBGG Datasheet
542Kb / 13P
   ML6206 Series Low ESR Cap. Compatible Positive Voltage Regulator
ML6206P302MHG MINILOGIC-ML6206P302MHG Datasheet
542Kb / 13P
   ML6206 Series Low ESR Cap. Compatible Positive Voltage Regulator
More results

Similar Description - ML6201P302TLG

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
   Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
   Positive-Voltage Regulator
logo
Weitron Technology
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com