Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML7924FA Datasheet(PDF) 10 Page - Micro Electronics

Part # ML7924FA
Description  3-TERMINAL NEGATIVE VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

ML7924FA Datasheet(HTML) 10 Page - Micro Electronics

Back Button ML7924FA Datasheet HTML 2Page - Micro Electronics ML7924FA Datasheet HTML 3Page - Micro Electronics ML7924FA Datasheet HTML 4Page - Micro Electronics ML7924FA Datasheet HTML 5Page - Micro Electronics ML7924FA Datasheet HTML 6Page - Micro Electronics ML7924FA Datasheet HTML 7Page - Micro Electronics ML7924FA Datasheet HTML 8Page - Micro Electronics ML7924FA Datasheet HTML 9Page - Micro Electronics ML7924FA Datasheet HTML 10Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
( 4 )
Thermal Design
The heat radiation balance model of the TO-220 with the heat sink is shown as follows.
Heat radiation balance
Tj = PLOSS X (θjc +θCH + θHS) + Ta
(℃ )
(4-1)
PLOSS = Vin X IQ + (Vin-Vout) X Iout
(W)
(4-2)
Substituting "Eq.(4-2) into "Eq.(4-1)" obtains
Tj = [Vin X IQ +(Vin-Vout) X Iout] X (θjc +θCH HS)+Ta
(℃)
(4-3)
In Eq.(4-3)
Vin, Iout, θCH, θHS, Ta depand on using condition.
Tj, IQ,Vout,θjc depend on IC depend on IC specification.
WhenθCH, IQ and Tj are assumed the following values,
Eq.(4-3) becomes Eq.(4-4).
θCH=0.3 to 0.4 (℃/W)
IQ = 5 to 6mA (max.)
Tj = 125℃ (max.)
Tj(max) = 125 = [5 X Vin + (Vin-Vout) X Iout] X (5+0.3+ θHS) +Ta
(℃)
(4-4)
When fix the Vout, Tj depends on the Vin, Iout, θHS and Ta.
It means;
For more detail, please refer the heat resistance value mentioned in the specification of the heat sink
supplier.
Insert the mica paper (0.1t) and thermal conduction silicon grease between
the IC and heat sink and tighten them with the bolt by 4Kg*cm-min.
Lower Vin and / or Iout are required to linit the temperature rise.
Smaller θHS is required for the effective heat reduce (i.e. using the large heat sink).
In the thermal design, when fix the Vin, Iout and Ta, selectthe heat sink which θHS is smaller that
the result of Eq.(4-4).
Page 10 of 10


Similar Part No. - ML7924FA

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
ML7924FA MICRO-ELECTRONICS-ML7924FA Datasheet
460Kb / 10P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results

Similar Description - ML7924FA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
   3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
   3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
   3-Terminal Negative Voltage Regulator
SI79XXA SECOS-SI79XXA Datasheet
466Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
New Japan Radio
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL7909XE3 CYSTEKEC-PL7909XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7915XE3 CYSTEKEC-PL7915XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7908XE3 CYSTEKEC-PL7908XE3 Datasheet
149Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S79LXX SECOS-S79LXX Datasheet
720Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
Cystech Electonics Corp...
PL7905XE3 CYSTEKEC-PL7905XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
NJM79L05UA-TE1 ETC2-NJM79L05UA-TE1 Datasheet
246Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com