Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NACZ100K356.3X6.3TR13M1F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NACZ100K356.3X6.3TR13M1F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACZ100K356.3X6.3TR13M1F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NACZ100K356.3X6.3TR13M1F Datasheet HTML 1Page - NIC-Components Corp. NACZ100K356.3X6.3TR13M1F Datasheet HTML 2Page - NIC-Components Corp. NACZ100K356.3X6.3TR13M1F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
36
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Aluminum Electrolytic Capacitors
NACZ Series
FEATURES
• CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING
• VERY LOW IMPEDANCE & HIGH RIPPLE CURRENT AT 100K Hz
• SUITABLE FOR DC-DC CONVERTER, DC-AC INVERTER, ETC.
• NEW EXPANDED CV RANGE, UP TO 6800
µF
NEW HIGH TEMPERATURE REFLOW "M1" VERSION
• DESIGNED FOR AUTOMATIC MOUNTING AND REFLOW SOLDERING
CHARACTERISTICS
MAXIMUM PERMISSIBLE RIPPLE CURRENT
(mA rms AT 100KHz AND 105OC)
MAXIMUM IMPEDANCE
(
Ω AT 100KHZ AND 20OC)
* Optional ± 10% (K) Tolerance available on most values. Contact factory for availability.
LOW ESR COMPONENT
LIQUID ELECTROLYTE
For Performance Data
see www.LowESR.com
Rated Voltage Rating
6.3 ~ 50Vdc
Rated Capacitance Range
4.7 ~ 6800
µF
Operating Temp. Range
-55 ~ +105°C
Capacitance Tolerance
±20% (M), ±10%(K)*
Max. Leakage Current
After 2 Miuntes @ 20°C
0.01CV 0r 3
µA, whichever is greater
Tan
δ @ 120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
S.V. (Vdc)
8.0
13
20
32
44
63
φ4 ~ φ6.3mm Dia.
0.24
0.20
0.16
0.14
0.12
0.10
φ8 ~ φ16mm Dia.
C < 1000
µF
0.28
0.24
0.20
0.16
0.14
0.14
C = 1500
µF
0.29
0.25
0.21
-
0.14
-
C = 2200
µF
0.30
0.26
-
0.18
-
-
C = 3300
µF
0.32
-
0.24
-
-
-
C = 4700
µF
0.34
0.30
----
C = 6800
µF
0.38
-----
Low Temperature
Stability
Impedance Ratio @ 120Hz
W.V. (Vdc)
6.3
10
16
25
35
50
Z-40°C/Z+20°C
322222
Z-55°C/Z+20°C
544333
Load Life Test @ 105°C
4 ~ 6mm Dia. 1,000 hours
8 ~ 12.5mm Dia. 2,000 hours
Capacitance Change
Within ±25% of initial measured value
Tan
δ
Less than ±200% of the specified maximum value
Leakage Current
Less than the specified maximum value
Cap (
µF)
Working Voltage (Vdc)
6.3
10
16
25
35
50
4.7
-
-
-
-
80
60
10
-
-
-
80
150
165
15
-
-
80
150
150
-
22
-
80
150
150
150
165
27
80
-
-
-
-
-
33
-
150
-
230
230
195
47
150
-
230
230
230
195
56
150
-
-
230
-
-
68
-
230
230
230
280
300
100
230
-
230
280
450
300
120
-
230
-
-
-
-
150
230
230
280
450
450
450
220
230
280
280
450
450
450
330
280
450
450
450
670
620
390
-
-
-
-
-
620
470
450
450
450
670
900
790
680
450
-
670
-
900
-
1000
450
670
-
900
-
790
1500
670
-
900
-
1250
-
2200
-
900
-
1250
-
-
3300
900
-
1250
-
-
-
4700
-
1250
-
-
-
-
6800
1250
-
-
-
-
-
Cap (
µF)
Working Voltage (Vdc)
6.3
10
16
25
35
50
4.7
-
-
-
-
1.80
2.90
10
-
-
-
1.80
0.76
0.88
15
-
-
1.80
0.76
0.76
-
22
-
1.80
0.76
0.76
0.76
0.88
27
1.80
-
-
-
-
-
33
-
0.76
-
0.44
0.44
0.75
47
0.76
-
0.44
0.44
0.44
0.75
56
0.76
-
-
0.44
-
-
68
-
0.44
0.44
0.44
0.34
0.40
100
0.44
-
0.44
0.34
0.17
0.40
120
-
0.44
-
-
-
-
150
0.44
0.44
0.34
0.17
0.17
0.22
220
0.44
0.34
0.34
0.17
0.17
0.22
330
0.34
0.17
0.17
0.17
0.09
0.14
390
-
-
-
-
-
0.14
470
0.17
0.17
0.17
0.09
0.066
0.078
680
0.17
-
0.09
-
0.066
-
1000
0.17
0.09
-
0.066
-
0.078
1500
0.09
-
0.066
-
0.052
-
2200
-
0.066
-
0.052
-
-
3300
0.066
-
0.052
-
-
-
4700
-
0.052
-
-
-
-
6800
0.052
-
-
-
-
-
LOW IMPEDANCE
AT HIGH FREQUENCY
INDUSTRY STANDARD
STYLE FOR SWITCHERS
AND CONVERTERS
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details


Similar Part No. - NACZ100K356.3X6.3TR13M1F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACZ100M25V4X6.3TR13F NIC-NACZ100M25V4X6.3TR13F Datasheet
104Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
NACZ100M25V4X63TR13F NIC-NACZ100M25V4X63TR13F Datasheet
173Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
NACZ100M35V5X6.3TR13F NIC-NACZ100M35V5X6.3TR13F Datasheet
104Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
NACZ100M35V5X63TR13F NIC-NACZ100M35V5X63TR13F Datasheet
173Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
NACZ100M50V6.3X6.3TR13F NIC-NACZ100M50V6.3X6.3TR13F Datasheet
104Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACZ100K356.3X6.3TR13M1F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com