Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NACC220M505X6.1TR13F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NACC220M505X6.1TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACC220M505X6.1TR13F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NACC220M505X6.1TR13F Datasheet HTML 1Page - NIC-Components Corp. NACC220M505X6.1TR13F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
14
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
15
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Aluminum Electrolytic Capacitors NACC Series
Case Size
φD
L max. A ± 0.2 B ± 0.2
I ± 0.2
W
P ± 0.2
4x6.1
4.0
6.1
4.3
4.3
1.8
0.5 ~ 0.8
1.0
5x6.1
5.0
6.1
5.3
5.3
2.2
0.5 ~ 0.8
1.5
6.3x6.1
6.3
6.1
6.6
6.6
2.6
0.5 ~ 0.8
1.8
6.3x8
6.3
8.0
6.6
6.6
2.6
0.5 ~ 0.8
1.8
8x10.5
8.0
10.5
8.3
8.3
3.4
0.7 ~ 1.1
3.1
10x10.5
10
10.5
10.3
10.3
3.5
0.7 ~ 1.1
4.6
DIMENSIONS D x L (mm)
Cap
(
µF) Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
0.1
R10
-
-
-
-
-
4X6.1
0.22
R22
-
-
-
-
-
4X6.1
0.33
R33
-
-
-
-
-
4X6.1
0.47
R47
-
-
-
-
-
4X6.1
1.0
1R0
-
-
-
-
-
4X6.1
2.2
2R2
-
-
-
-
-
4X6.1
3.3
3R3
-
-
-
-
-
4X6.1
4.7
4R7
-
-
-
-
4X6.1
5X6.1
10
100
-
-
4X6.1
-
5X6.1
6.3X6.1
22
220
4X6.1
-
5X6.1
-
6.3X6.1
6.3X8
33
330
-
5X6.1
-
6.3X6.1
6.3X8
8X10.5
47
470
5X6.1
-
6.3X6.1
6.3X8
-
8X10.5
100
101
6.3X6.1
-
6.3X8
8X10.5
-
10X10.5
220
221
6.3X8
8X10.5
-
-
10X10.5
-
330
331
8X10.5
-
-
10X10.5
-
-
470
471
-
-
10X10.5
-
-
-
1000 102
10X10.5
-
-
-
-
-
STANDARD PRODUCTS AND CASE SIZE TABLE D x L (mm)
REFLOW SOLDERING PROFILE
Cool Down
120 sec.
25
50
100
150
200
250
300
Pre-Heat 160°C
Time above 200°C
60 seconds max.
30
60
90 120 150 180 210 240 270 300
Time - Seconds
Peak Temperature:
4mm ~ 6.3mm diameter = 250°C for 5 seconds
8mm ~ 10mm diameter = 235°C for 5 seconds
235
0.3mm max.
D
φ
L
+
-
I
I
W
P
A
B


Similar Part No. - NACC220M505X6.1TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACC220M50V63X8TR13F NIC-NACC220M50V63X8TR13F Datasheet
87Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACC220M505X6.1TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com