Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WP59BL-EGW Datasheet(PDF) 5 Page - Kingbright Corporation

Part # WP59BL-EGW
Description  T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP59BL-EGW Datasheet(HTML) 5 Page - Kingbright Corporation

  WP59BL-EGW Datasheet HTML 1Page - Kingbright Corporation WP59BL-EGW Datasheet HTML 2Page - Kingbright Corporation WP59BL-EGW Datasheet HTML 3Page - Kingbright Corporation WP59BL-EGW Datasheet HTML 4Page - Kingbright Corporation WP59BL-EGW Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPEC NO: DSAF2081
REV NO: V.2
DATE: MAY/21/2007
PAGE: 5 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1102001720
PACKING & LABEL SPECIFICATIONS
WP59BL/EGW


Similar Part No. - WP59BL-EGW

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP59BL-EYW KINGBRIGHT-WP59BL-EYW Datasheet
297Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
More results

Similar Description - WP59BL-EGW

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP150A9VS-EYW KINGBRIGHT-WP150A9VS-EYW Datasheet
301Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
WP59BL-GYW KINGBRIGHT-WP59BL-GYW Datasheet
297Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
WP150A9VS-EGW KINGBRIGHT-WP150A9VS-EGW Datasheet
301Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
WP150A9VS-GYW KINGBRIGHT-WP150A9VS-GYW Datasheet
300Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
WP59BL-EYW KINGBRIGHT-WP59BL-EYW Datasheet
297Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
WP59CB-EGW KINGBRIGHT-WP59CB-EGW Datasheet
297Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
WP59CB-EYW KINGBRIGHT-WP59CB-EYW Datasheet
298Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
WP59CB-GYW KINGBRIGHT-WP59CB-GYW Datasheet
298Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
W5A9EGW123SF KINGBRIGHT-W5A9EGW123SF Datasheet
88Kb / 3P
   T-1 3/4(5mm) BI-COLOR INDICATOR LAMP
L-59EGW KINGBRIGHT-L-59EGW Datasheet
59Kb / 3P
   T-1 3/4(5mm) BI-COLOR INDICATOR LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com