Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NACVF220K450V10X18TR13T2F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NACVF220K450V10X18TR13T2F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACVF220K450V10X18TR13T2F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NACVF220K450V10X18TR13T2F Datasheet HTML 1Page - NIC-Components Corp. NACVF220K450V10X18TR13T2F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
16
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
17
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Aluminum Electrolytic Capacitors NACVF Series
CHARACTERISTICS
FEATURES
• CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNT
• HIGH VOLTAGE (160VDC AND 450VDC)
• 10mm x 14mm ~ 18mm x 22mm CASE SIZES
• LONG LIFE (5000 HOURS AT +105OC)
• DESIGNED FOR REFLOW SOLDERING
Rated Voltage Range
160 ~ 450Vdc
Rated Capacitance Range
2.2 ~ 100
µF
Operating Temperature Range
-40°C ~ +105°C
Capacitance Tolerance
±20% (M)
Max. Leakage Current After 2 Minutes
0.06CV + 10
µA
Max. Tan
δ at 120Hz & 20°C
160Vdc
200Vdc
250Vdc
350Vdc
400Vdc
450Vdc
0.15
0.20
0.24
Low Temperature Stability
(Impedance Ratio @ 120Hz)
Z -25°C/+20°C
2
2
3
5
6
6
Load Life @ 105°C & Rated Voltage
10x14mm 3,000 hours
10x18mm 4,000 hours
12.5 ~ 18mm Dia 5,000 hours
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specificed value
Leakage Current
Less than the specificed maximum value
Resistance to Soldering Heat
Within the Recommended
Reflow Conditions
Capacitance Change
Within ±10% of initial measured value
Tan
δ
Less than the specificed maximum value
Leakage Current
Less than the specificed maximum value
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
µ �
��
µ �
��
MAXIMUM RIPPLE CURRENT
(mA rms AT 100KHz AND 105°C)
MAXIMUM ESR
(
Ω AT 120Hz AND 20°C)
Voltage
(Vdc)
Frequecy (Hz)
120
1K
10K ~ 30K
31K ~ 100K
160V ~ 250V
0.55
0.85
0.90
1.00
350V ~ 450V
0.50
080
0.90
1.00
RIPPLE CURRENT FREQUENCY CORRECTION FACTORS
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com


Similar Part No. - NACVF220K450V10X18TR13T2F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACVF100M160V10X14TR13T2F NIC-NACVF100M160V10X14TR13T2F Datasheet
85Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACVF NIC-NACVF_14 Datasheet
85Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACVF220K450V10X18TR13T2F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com