Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NACV100K250V12.5X14TR13F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NACV100K250V12.5X14TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACV100K250V12.5X14TR13F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NACV100K250V12.5X14TR13F Datasheet HTML 1Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
16
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
17
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Aluminum Electrolytic Capacitors NACV Series
FEATURES
• CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNT
• HIGH VOLTAGE (160VDC AND 400VDC)
• 8 x10.8mm ~ 16 x17mm CASE SIZES
• LONG LIFE (2000 HOURS AT +105OC)
• DESIGNED FOR REFLOW SOLDERING
CHARACTERISTICS
DIMENSIONS (mm)
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
NACV 100 M 200V 10x10.8 TR 13 F
RoHS Compliant
97% Sn (min.), 3% Bi (max.)
330mm (13”) Reel
Tape & Reel
Size in mm
Working Voltage
Tolerance Code M=20%, K=10%
Capacitance Code in µF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10mF
Series
PART NUMBER SYSTEM
0.3mm max.
D
φ
L
+
-
I
I
W
P
A
B
STANDARD PRODUCTS AND CASE SIZES (mm)
MAXIMUM RIPPLE CURRENT
(mA rms AT 120Hz AND 105°C)
MAXIMUM ESR
(
Ω AT 120Hz AND 20°C)
Rated Voltage Range
160
200
250
400
Rated Capacitance Range
10 ~ 82
10 ~ 68
3.3 ~ 47
2.2 ~ 22
Operating Temperature Range
-40 ~ +105°C
Capacitance Tolerance
±20% (M)
Max. Leakage Current After 2 Minutes
0.03CV + 15
µA
0.02CV + 25
µA
Max. Tan
δ @ 120Hz
0.20
0.20
0.20
0.25
Low Temperature Stability
(Impedance Ratio @ 120Hz)
Z-25°C/Z+20°C
3
3
3
6
Z-40°C/Z+20°C
6
6
6
10
High Temperature Load Life at 105°C
2,000 hrs
φD > 10mm
1,000 hrs
φD = 8mm
Capacitance Change
Within ±25% of initial measured value
Tan
δ
Less than 200% of specified value
Leakage Current
Less than the specified value
Cap. (
µF)
Working Voltage
160 200 250 400
2.2
-
-
-
25
3.3
-
-
31
36
4.7
-
-
37
38
6.8
-
-
44
47
10
57
64
64
57
22
112 112 112 115
33
137 137 150
-
47
180 180 180
-
68
215 215
-
-
82
235
-
-
-
Cap. (
µF)
Working Voltage
160
200
250
400
2.2
-
-
-
188.5
3.3
-
-
100.5 125.7
4.7
-
-
70.6
88.2
6.8
-
-
48.8
61.0
10
33.2 33.2 33.2
41.5
22
15.1 15.1 15.1
18.8
33
10.1 10.1 10.1
-
47
7.1
7.1
7.1
-
68
4.9
4.9
-
-
82
4.0
-
-
-
Cap. (
µF) Code
Working Voltage
160
200
250
400
2.2
2R2
-
-
-
8x10.8
3.3
3R3
-
-
8x10.8
10x10.8
4.7
4R7
-
-
8x10.8
10x10.8
6.8
6R8
-
-
8x10.8
12.5x14
10
100
8x10.8
10x10.8 10x10.8
12.5x14
22
220
12.5x14 12.5x14 12.5x14
16x17
33
330
12.5x14 12.5x14
16x17
-
47
470
16x17
16x17
16x17
-
68
680
16x17
16x17
-
-
82
820
16x17
-
-
-
Case Size D
φ±0.5 L max. A±0.2 B±0.2 I±0.2
W
P±0.2
8x10.8
8.0
10.8
8.3
8.3
2.9
0.7~1.0
3.2
10x10.8
10.0
10.8
10.3
10.3
3.2
1.1~1.4
4.6
12.5x14
12.5
14.0
12.8
12.8
4.5
1.1~1.4
4.6
16x17
16.0
17.0
16.3
16.3
5.0
1.8~2.1
7.0
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com


Similar Part No. - NACV100K250V12.5X14TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACV100M160V8x108TR13F NIC-NACV100M160V8x108TR13F Datasheet
130Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACV100M200V10x108TR13F NIC-NACV100M200V10x108TR13F Datasheet
130Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACV100M250V10x108TR13F NIC-NACV100M250V10x108TR13F Datasheet
130Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACV100M400V125x14TR15F NIC-NACV100M400V125x14TR15F Datasheet
130Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACV100K250V12.5X14TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com