Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WP42WUM-GYW Datasheet(PDF) 3 Page - Kingbright Corporation

Part # WP42WUM-GYW
Description  3mm RIGHT ANGLE LED INDICATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP42WUM-GYW Datasheet(HTML) 3 Page - Kingbright Corporation

  WP42WUM-GYW Datasheet HTML 1Page - Kingbright Corporation WP42WUM-GYW Datasheet HTML 2Page - Kingbright Corporation WP42WUM-GYW Datasheet HTML 3Page - Kingbright Corporation WP42WUM-GYW Datasheet HTML 4Page - Kingbright Corporation WP42WUM-GYW Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPEC NO: DSAF1870
REV NO: V.3
DATE: MAY/21/2007
PAGE: 3 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1102005029
WP42WUM/GYW
Green


Similar Part No. - WP42WUM-GYW

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP42WUM-EGW KINGBRIGHT-WP42WUM-EGW Datasheet
305Kb / 5P
   3mm RIGHT ANGLE LED INDICATOR
WP42WUM-EYW KINGBRIGHT-WP42WUM-EYW Datasheet
306Kb / 5P
   3mm RIGHT ANGLE LED INDICATOR
More results

Similar Description - WP42WUM-GYW

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP934AD-YD KINGBRIGHT-WP934AD-YD Datasheet
382Kb / 5P
   3mm RIGHT ANGLE LED INDICATOR
WP934AD-ID KINGBRIGHT-WP934AD-ID Datasheet
374Kb / 5P
   3mm RIGHT ANGLE LED INDICATOR
WP132WUM-EGW KINGBRIGHT-WP132WUM-EGW Datasheet
415Kb / 6P
   3mm RIGHT ANGLE LED INDICATOR
WP937AD-EGW KINGBRIGHT-WP937AD-EGW Datasheet
382Kb / 6P
   3mm RIGHT ANGLE LED INDICATOR
WP42WUM-EGW KINGBRIGHT-WP42WUM-EGW Datasheet
305Kb / 5P
   3mm RIGHT ANGLE LED INDICATOR
WP42WUM-EYW KINGBRIGHT-WP42WUM-EYW Datasheet
306Kb / 5P
   3mm RIGHT ANGLE LED INDICATOR
logo
LUMEX INC.
SSF-LXH240YGYGW LUMEX-SSF-LXH240YGYGW Datasheet
64Kb / 1P
   T-3mm LED RIGHT ANGLE INDICATOR
SSF-LXH240GYD LUMEX-SSF-LXH240GYD Datasheet
94Kb / 1P
   T-3mm LED RIGHT ANGLE INDICATOR
logo
Kingbright Corporation
WP93A8EWP-GDTG0L KINGBRIGHT-WP93A8EWP-GDTG0L Datasheet
174Kb / 5P
   T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP934CB-YD KINGBRIGHT-WP934CB-YD Datasheet
77Kb / 3P
   T-1 (3mm) RIGHT ANGLE LED INDICATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com