Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NACVF101M400V10X18TR13T2F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NACVF101M400V10X18TR13T2F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACVF101M400V10X18TR13T2F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NACVF101M400V10X18TR13T2F Datasheet HTML 1Page - NIC-Components Corp. NACVF101M400V10X18TR13T2F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
18
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
19
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Aluminum Electrolytic Capacitors NACVF Series
0.3mm max.
D
φ
L
NACVF 330 M 200V 16x17 TR 13 T2 F
RoHS Compliant
Terminal Style
T2 = 2 Terminal
T4 = 4 Terminal (Discontinued)
330mm (13”) Reel
Tape & Reel
Size in mm
Working Voltage
Tolerance Code M=20%, K=10%
Capacitance Code in
µF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10
µF
Series
PART NUMBER SYSTEM
+
-
I
I
W
P
A
B
µ��
��
STANDARD PRODUCT AND CASE SIZE TABLE D
φxL (mm)
Case Size
D
φ ±0.5
L max.
A ±0.2
B ±0.2
I ±0.2
W
P ±0.2
10 x 14
10.0
14.0
10.3
10.3
3.5
0.7 ~ 1.4
4.6
10 x 18
10.0
18.5
10.3
10.3
3.5
1.1 ~ 1.4
4.6
12.5 x 17T2
12.5
17.5
13.5
13.5
4.7
0.6 ~ 1.2
4.4
16 x 17T2
16.0
17.5
17.0
17.0
5.5
0.9 ~ 1.5
6.7
18 x 17T2
18.0
17.5
19.0
19.0
6.5
0.9 ~ 1.5
6.7
18 x 22T2
18.0
22.5
19.0
19.0
6.5
0.9 ~ 1.5
6.7
DIMENSIONS (mm)


Similar Part No. - NACVF101M400V10X18TR13T2F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACVF100M160V10X14TR13T2F NIC-NACVF100M160V10X14TR13T2F Datasheet
85Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACVF101M400V10X18TR13T2F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com