Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WP34SF4C Datasheet(PDF) 2 Page - Kingbright Corporation

Part # WP34SF4C
Description  T-1 (3mm) INFRA-RED EMITTING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP34SF4C Datasheet(HTML) 2 Page - Kingbright Corporation

  WP34SF4C Datasheet HTML 1Page - Kingbright Corporation WP34SF4C Datasheet HTML 2Page - Kingbright Corporation WP34SF4C Datasheet HTML 3Page - Kingbright Corporation WP34SF4C Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: DSAF2289
REV NO: V.2
DATE: AUG/05/2005
PAGE: 2 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: Y.W.WANG
ERP: 1101003571
Selection Guide
Notes:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2.* Luminous intensity with asterisk is measured at 50mA.
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Part No.
Dice
Lens Type
Po (mW/sr)
@ 20mA*50mA
Viewing
Angle
Min.
Typ.
2
θθθθ1/2
WP34SF4C
GaAlAs
1.6
4
50
°
*4
*20
50
°
WATER CLEAR
Item
P/N
Symbol
Typ.
Max.
Units
Test Conditions
Forward Voltage
SF4
VF
1.3
1.6
V
IF=20mA
Reverse Current
SF4
IR
-
10
uA
VR=5V
Capacitance
SF4
C
90
-
pF
VF=0V;f=1MHz
Peak Spectral Wavelength
SF4
λP
880
-
nm
IF=20mA
Spectral Bandwidth
SF4
∆λ1/2
50
-
nm
IF=20mA
Parameter
Symbol
SF4
Units
Power Dissipation
PT
100
mW
DC Forward Current
IF
50
mA
Peak Forward Current[1]
iFS
1.2
A
Reverse Voltage
VR
5
V
Operating Temperature
TA
-40 To +85
°C
Storage Temperature
TSTG
-40 To +85
°C
Lead Solder Temperature [2]
260°C For 3 Seconds
Lead Solder Temperature [3]
260°C For 5 Seconds
Notes:
1. 1/100 Duty Cycle, 10us Pulse Width.
2. 2mm below package base.
3. 5mm below package base.


Similar Part No. - WP34SF4C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP34SF4BT KINGBRIGHT-WP34SF4BT Datasheet
103Kb / 4P
   T-1 (3mm) INFRA-RED EMITTING DIODE
More results

Similar Description - WP34SF4C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-34F3BT KINGBRIGHT-L-34F3BT Datasheet
51Kb / 3P
   T-1 (3mm) INFRA-RED EMITTING DIODE
WP34F3BT KINGBRIGHT-WP34F3BT Datasheet
129Kb / 4P
   T-1 (3mm) INFRA-RED EMITTING DIODE
WP34SF6C KINGBRIGHT-WP34SF6C Datasheet
106Kb / 4P
   T-1 (3mm) INFRA-RED EMITTING DIODE
WP34F3C KINGBRIGHT-WP34F3C Datasheet
104Kb / 4P
   T-1 (3mm) INFRA-RED EMITTING DIODE
WP34SF4BT KINGBRIGHT-WP34SF4BT Datasheet
103Kb / 4P
   T-1 (3mm) INFRA-RED EMITTING DIODE
WP34SF6BT KINGBRIGHT-WP34SF6BT Datasheet
106Kb / 4P
   T-1 (3mm) INFRA-RED EMITTING DIODE
W34F3C KINGBRIGHT-W34F3C Datasheet
63Kb / 3P
   T-1 (3mm) INFRA-RED EMITTING DIODE
WP34SF7BT KINGBRIGHT-WP34SF7BT Datasheet
121Kb / 4P
   T-1 (3mm) INFRA-RED EMITTING DIODE
WP7104F3BT KINGBRIGHT-WP7104F3BT Datasheet
133Kb / 4P
   T-1 (3mm) INFRA-RED EMITTING DIODE
logo
List of Unclassifed Man...
L34F3C ETC-L34F3C Datasheet
100Kb / 4P
   T-1 INFRA-RED EMITTING DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com