Electronic Components Datasheet Search |
|
NACHR33K4.0V6.3X6.3TR13F Datasheet(PDF) 1 Page - NIC-Components Corp. |
|
NACHR33K4.0V6.3X6.3TR13F Datasheet(HTML) 1 Page - NIC-Components Corp. |
1 / 2 page 12 ® NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com 13 ® NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com FEATURES • CYLINDRICAL V-CHIP CONSTRUCTION • WIDE TEMPERATURE -40° ~+105°C • LONG LIFE (+105°C, 2000 HOURS) • 6.3 mm MAXIMUM HEIGHT • DESIGNED FOR REFLOW..SOLDERING Surface Mount Aluminum Electrolytic Capacitors NACH Series MAXIMUM ESR ( Ω AT 120Hz AND 20OC) MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA rms AT 120Hz AND 105OC) * Optional ± 10% (K) Tolerance available on most values. Contact factory for availability. ** DF is 0.16 for NACH470M25V6.3X8 CHARACTERISTICS z H y c n e u q e r F 0 5 ≤ 0 0 1 < f 0 0 1 ≤ K 1 < f K 1 ≤ K 0 1 < f K 0 1 ≤ f < K 0 0 1 n o it c e r r o C r o t c a F 8 . 0 0 . 1 3 . 1 5 . 1 RoHS Compliant includes all homogeneous materials *See Part Number System for Details RIPPLE CURRENT FREQUENCY CORRECTION FACTOR PRECAUTIONS Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC’s Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC’s technical support personnel: tpmg@niccomp.com Rated Voltage Range 4 ~ 50Vdc Rate Capacitance Range 0.1 ~ 220 µF Operating Temp. Range -40°C ~ +105°C Capacitance Tolerance ±20% (M), ±10% (K)* Max. Leakage Current After 2 Minutes @ 20°C 0.01CV or 3 µA whichever is greater Working Voltage/Surge Voltage Max. Tan δ @120Hz/20°C W.V. (Vdc) 4 6.3 10 16 25 35 50 S.V. (Vdc) 5 8.0 13 20 32 44 63 Dissipation Factor 0.50 0.30 0.22 0.16 0.14** 0.12 0.12 Low Temperature Stability Impedance Ratio @ 120Hz Z-40°C/Z+20°C 7 4 3 2 2 2 2 Z-55/Z+20°C 12 8 6 4 4 3 3 Load Life Test @105°C 2,000 Hours Capacitance Change Within ±25% of initial measured value Tan δ Less than 200% of specified value Leakage Current Less than specified value Cap. (µF) Working Voltage (Vdc) 4.0 6.3 10 16 25 35 50 0.1 - - - - - - 1.0 0.22 - - - - - - 2.0 0.33 - - - - - - 3.0 0.47 - - - - - - 5.0 1.0 - - - - - - 10 2.2 - - - - - - 16 3.3 - - - - - - 16 4.7 - - - - 22 - 23 10 - - - 28 - 28 35 22 - 26 - 39 - 55 - 33 - 29 43 - 65 - - 47 34 46 - 70 - - - 100 61 71 - - - - - 220 82 - - - - - - Cap. (µF) Working Voltage (Vdc) 4.0 6.3 10 16 25 35 50 0.1 - - - - - - 1993 0.22 - - - - - - 906 0.33 - - - - - - 604 0.47 - - - - - - 424 1.0 - - - - - - 199 2.2 - - - - - - 90.6 3.3 - - - - - - 60.4 4.7 - - - - 49.5 - 42.4 10 - - - 26.6 - 19.9 19.9 22 - 22.6 - 12.1 - 9.05 - 33 - 15.1 11.1 - 7.05 - - 47 17.7 10.6 - 5.66 - - - 100 8.31 4.98 - - - - - 220 3.77 - - - - - - |
Similar Part No. - NACHR33K4.0V6.3X6.3TR13F |
|
Similar Description - NACHR33K4.0V6.3X6.3TR13F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |