Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89PV820CF Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB89PV820CF
Description  8-bit Proprietary Microcontroller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89PV820CF Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB89PV820CF Datasheet HTML 5Page - Fujitsu Component Limited. MB89PV820CF Datasheet HTML 6Page - Fujitsu Component Limited. MB89PV820CF Datasheet HTML 7Page - Fujitsu Component Limited. MB89PV820CF Datasheet HTML 8Page - Fujitsu Component Limited. MB89PV820CF Datasheet HTML 9Page - Fujitsu Component Limited. MB89PV820CF Datasheet HTML 10Page - Fujitsu Component Limited. MB89PV820CF Datasheet HTML 11Page - Fujitsu Component Limited. MB89PV820CF Datasheet HTML 12Page - Fujitsu Component Limited. MB89PV820CF Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
MB89820 Series
9
• External EPROM pins (MB89PV820 only)
Pin no.
Pin name
I/O
Function
82
VPP
O
“H” level output pin
83
84
85
86
87
88
89
90
91
A12
A7
A6
A5
A4
A3
A2
A1
A0
O
Address output pins
93
94
95
O1
O2
O3
I
Data input pins
96
VSS
O
Power supply (GND) pin
98
99
100
101
102
O4
O5
O6
O7
O8
I
Data input pins
103
CE
O
ROM chip enable pin
Outputs “H” during standby.
104
A10
O
Address output pin
105
OE
O
ROM output enable pin
Outputs “L” at all times.
107
108
109
A11
A9
A8
O
Address output pins
110
A13
O
111
A14
O
112
VCC
O
EPROM power supply pin
81
92
97
106
N.C.
Internally connected pins
Be sure to leave them open.


Similar Part No. - MB89PV820CF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89PV820CF FUJITSU-MB89PV820CF Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89PV820CF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com