Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89823RPFM Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB89823RPFM
Description  8-bit Proprietary Microcontroller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89823RPFM Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB89823RPFM Datasheet HTML 1Page - Fujitsu Component Limited. MB89823RPFM Datasheet HTML 2Page - Fujitsu Component Limited. MB89823RPFM Datasheet HTML 3Page - Fujitsu Component Limited. MB89823RPFM Datasheet HTML 4Page - Fujitsu Component Limited. MB89823RPFM Datasheet HTML 5Page - Fujitsu Component Limited. MB89823RPFM Datasheet HTML 6Page - Fujitsu Component Limited. MB89823RPFM Datasheet HTML 7Page - Fujitsu Component Limited. MB89823RPFM Datasheet HTML 8Page - Fujitsu Component Limited. MB89823RPFM Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
MB89820 Series
2
(Continued)
• Three types of timers
8-bit PWM timer (also usable as a reload timer)
8-bit pulse width count timer (also usable as a reload timer)
20-bit time-base timer
• Two serial interfaces
8-bit synchronous serial interface (Switchable transfer direction allows communication with various equipment.)
UART (5-, 7-, 8-bit transfer capable)
• External interrupt : 2 channels
Capable of wake-up from low-power consumption modes (with an edge detection function)
• Low-power consumption modes
Stop mode (Oscillation stops to minimize the current consumption.)
Sleep mode (The CPU stops to reduce the current consumption to approx. 1/3 of normal.)
s
s
s
s PRODUCT LINEUP
(Continued)
MB89823R
MB89825
MB89P825
MB89PV820
Classification
Mass production product
(mask ROM products)
One-time PROM
product
Piggyback/
evaluation
product for
evaluation and
development
ROM size
4 K
× 8 bits
(internal mask
ROM)
8 K
× 8 bits
(internal mask
ROM)
16 K
× 8 bits
(internal mask
ROM)
16 K
× 8 bits
(internal PROM,
programming
with general-
purpose EPROM
programmer)
32 K
× 8 bits
(external ROM)
RAM size
128
× 8 bits
256
× 8 bits
1024
× 8 bits
CPU functions
Number of instructions:
136
Instruction bit length:
8 bits
Instruction length:
1 to 3 bytes
Data bit length:
1, 8, 16 bits
Minimum execution time:
0.8
µs/5 MHz (VCC = 5.0 V)
Interrupt processing time:
7.2
µs/5 MHz (VCC = 5.0 V)
Ports
I/O ports (N-ch open-drain):
16 (All also serve as segment pins.)*1
I/O ports (N-ch open-drain):
6
I/O ports (CMOS):
6 (5 ports also serve as peripheral I/O.)
Input ports:
4 (1 port also serves as an external
interrupt input.)
Total:
32 (Max)
8-bit PWM timer
8-bit reload timer operation (toggled output capable)
8-bit resolution PWM operation
Operating clock (pulse width count timer output: 0.8
µs, 12.8 µs, 51.2 µs/5 MHz)
8-bit pulse width
count timer
8-bit reload timer operation
8-bit pulse width count operation (continuous measurement capable “H” width, “L” width, or
single-cycle measurement capable)
Operating clock (0.8
µs, 3.2 µs, 25.6 µs/5 MHz)
MB89821
Part number
Parameter


Similar Part No. - MB89823RPFM

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89823 FUJITSU-MB89823 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89823PFM FUJITSU-MB89823PFM Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89823RPFM

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com