Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89898PF Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB89898PF
Description  8-bit Proprietary Microcontrollers
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89898PF Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB89898PF Datasheet HTML 3Page - Fujitsu Component Limited. MB89898PF Datasheet HTML 4Page - Fujitsu Component Limited. MB89898PF Datasheet HTML 5Page - Fujitsu Component Limited. MB89898PF Datasheet HTML 6Page - Fujitsu Component Limited. MB89898PF Datasheet HTML 7Page - Fujitsu Component Limited. MB89898PF Datasheet HTML 8Page - Fujitsu Component Limited. MB89898PF Datasheet HTML 9Page - Fujitsu Component Limited. MB89898PF Datasheet HTML 10Page - Fujitsu Component Limited. MB89898PF Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
MB89890 Series
7
(Continued)
*1: FPT-100P-M06
*2: MQP-100C-P01
Pin no.
Pin name
Circuit type
Function
QFP*1, MQP*2
60,
61,
62
P73/BSK2,
P74/BSI2,
P75/BSO2
I
General-purpose I/O ports
Also serve as a serial I/O output 2 with 1-byte buffer.
63,
64
P76,
P77
I
General-purpose I/O ports
65 to 72
P80 to P87
J
General-purpose output ports
73 to 80
P90/INT20 to
P97/INT27
F
General-purpose I/O ports
External interrupt input is hysteresis input.
81,
82,
83
PA0/INT28,
PA1/INT29,
PA2/INTA
F
General-purpose I/O ports
External interrupt input is hysteresis input.
96,
97 to 100
PA3/INTB,
PA4/INT0 to
PA7/INT3
F
General-purpose I/O ports
External interrupt input is hysteresis input.
95
DTMF
K
DTMF signal output pin
1, 50
VCC
Power supply pin
8, 59
VSS
Power supply (GND) pin
93
VCC (AVCC)
Power supply pin
84
VSS (AVSS)
Power supply GND pin
94
AVR
A/D converter reference input pin


Similar Part No. - MB89898PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89898PF FUJITSU-MB89898PF Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89898PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
MB95110B FUJITSU-MB95110B_1 Datasheet
853Kb / 68P
   8-bit Proprietary Microcontrollers
MB89583B FUJITSU-MB89583B Datasheet
600Kb / 42P
   8-bit Proprietary Microcontrollers
MICONDUCTOR FUJITSU-MICONDUCTOR Datasheet
516Kb / 37P
   8-bit Proprietary Microcontrollers
MB89580B FUJITSU-MB89580B Datasheet
403Kb / 37P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com