Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBB32CA-FK-AB Datasheet(PDF) 1 Page - Micro Electronics

Part # MBB32CA-FK-AB
Description  HIGH EFFICIENCY LOW CURRENT BLUE LED LAMP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MBB32CA-FK-AB Datasheet(HTML) 1 Page - Micro Electronics

  MBB32CA-FK-AB Datasheet HTML 1Page - Micro Electronics MBB32CA-FK-AB Datasheet HTML 2Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBB32CA-FK(GP)-AB
HIGH EFFICIENCY
LOW CURRENT
BLUE LED LAMP
DESCRIPTION
MBB32CA-FK(GP)-AB
is
a
high
efficiency low current InGaN/GaN blue
LED lamp with 465~470nm dominant
wavelength encapsulated in a 3mm
diameter blue transparent lens.
ABSOLUTE MAXIMUM RATINGS
Power Dissipation @ Ta=25°C
100mW
Continuous Forward Current
30mA
Reverse Voltage
5V
Operating Temperature Range
-20 to +80°C
Storage Temperature Range
-30 to +100°C
Lead Soldering Temperature (1/16" from body)
260°C for 5 sec.
ELECTRO-OPTICAL CHARACTERISTICS
(Ta=25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
Forward Voltage
VF
3.0
3.1
V
IF=0.25mA
Reverse Breakdown Voltage
BVR
5
V
IR=12µA
Luminous Intensity
IV
5
10
mcd
IF=0.25mA
Dominant Wavelength
λd
465
470
nm
IF=0.25mA
Viewing Angle
2θ 1/2
30
degree
IF=0.25mA
CAUTION
FOR GP .ONLY
Static eletricity and surge damages the LED ,It is recommended to use a wrist band or anti-eletrostatic
glove when handling the LED . All devices,equipment and machinery must be properly grounded.
REV:0
21/2/2006
page:1 of 2
MICRO


Similar Part No. - MBB32CA-FK-AB

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MBB32D MICRO-ELECTRONICS-MBB32D Datasheet
55Kb / 1P
   3mm BLUE LED LAMP
MBB32TA MICRO-ELECTRONICS-MBB32TA Datasheet
56Kb / 1P
   3mm BLUE LED LAMP
MBB32TA-DJ MICRO-ELECTRONICS-MBB32TA-DJ Datasheet
37Kb / 1P
   ULTRA HIGH BRIGHTNESS BLUE LED LAMP
MBB32TA-EJ MICRO-ELECTRONICS-MBB32TA-EJ Datasheet
37Kb / 1P
   ULTRA HIGH BRIGHTNESS BLUE LED LAMP
MBB32TA-FJ MICRO-ELECTRONICS-MBB32TA-FJ Datasheet
37Kb / 1P
   ULTRA HIGH BRIGHTNESS BLUE LED LAMP
More results

Similar Description - MBB32CA-FK-AB

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MUB32DH-5 MICRO-ELECTRONICS-MUB32DH-5 Datasheet
45Kb / 1P
   LOW CURRENT HIGH EFFICIENCY RED LED LAMP
MGB81DH MICRO-ELECTRONICS-MGB81DH Datasheet
57Kb / 1P
   LOW CURRENT HIGH EFFICIENCY LED
MGB31DH MICRO-ELECTRONICS-MGB31DH Datasheet
55Kb / 1P
   LOW CURRENT HIGH EFFICIENCY LED
MGB32DH MICRO-ELECTRONICS-MGB32DH Datasheet
68Kb / 1P
   LOW CURRENT HIGH EFFICIENCY LED
logo
AUK corp
SHE114RC AUK-SHE114RC_1 Datasheet
269Kb / 4P
   High Efficiency LED Lamp
SHE123YF AUK-SHE123YF_1 Datasheet
187Kb / 4P
   High Efficiency LED Lamp
SHE144AF AUK-SHE144AF Datasheet
235Kb / 4P
   High Efficiency LED Lamp
SHE145AF AUK-SHE145AF Datasheet
199Kb / 4P
   High Efficiency LED Lamp
SHE124PGHE AUK-SHE124PGHE Datasheet
270Kb / 5P
   High Efficiency LED Lamp
SHE114RC AUK-SHE114RC Datasheet
268Kb / 4P
   High Efficiency LED Lamp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com