Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NACX470K504X5.5TR13F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NACX470K504X5.5TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACX470K504X5.5TR13F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NACX470K504X5.5TR13F Datasheet HTML 1Page - NIC-Components Corp. NACX470K504X5.5TR13F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
18
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
19
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Aluminum Electrolytic Capacitors
NACX Series
FEATURES
• CYLINDRICAL V-CHIP CONSTRUCTION
• VERY LOW IMPEDANCE AT 100KHz
• WIDE TEMPERATURE RANGE (-55 +105OC)
• MAXIMUM 5.5mm HEIGHT
• ANTI-SOLVENT (2 MINUTES)
• DESIGNED FOR REFLOW SOLDERING
CHARACTERISTICS
MAXIMUM PERMISSIBLE RIPPLE CURRENT
(mA rms AT 100KHz AND 105OC)
MAXIMUM IMPEDANCE
(
Ω AT 100KHz AND 20OC)
* Optional ± 10% (K) Tolerance available on most values. Contact factory for availability.
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
Rated Voltage Range
6.3 ~ 63V
Rated Capacitance Range
0.47 ~ 150
µF
Operating Temperature Range
-55 ~ +105°C
Capacitance Tolerance
±20% (M), ±10% (K)*
Max. Leakage Current After 2 Minutes at 20°C
0.01CV or 3
µA whichever is greater
Surge Voltage and Max. Tan
δ
W.V. (Vdc)
6.3
10
16
25
35
50
63
S.V.(Vdc)
8
13
20
32
44
63
79
Tan
δ
0.24
0.20
0.16
0.14
0.12
0.12
0.12
Low Temperature Stability
(Impedance Ratio @ 120Hz)
Z-25°C/Z+20°C
3
2
2
2
2
2
2
Z-55°C/Z+20°C
5
4
4
3
3
3
3
High Temperature Load Life at
105°C and Rated Working Voltage
1,000 hours
Capacitance Change
Within ±25% of initial measured value
Tan
δ
Less than 200% of specified value
Leakage Current
Less than the specified value
Cap.
(
µF)
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
0.47
-
-
-
-
51
30
15
1.0
-
-
-
-
68
37
20
2.2
-
-
-
-
68
45
24
3.3
-
-
-
-
68
52
40
4.7
-
-
-
68
68
75
40
10
-
-
68
105
105
120
65
22
68
105
105
155
155
-
-
33
105
105
155
155
-
-
-
47
105
155
155
155
-
-
-
100
155
155
155
-
-
-
-
220
155
-
-
-
-
-
-
Cap.
(
µF)
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
0.47
-
-
-
-
6.0
8.0
10
1.0
-
-
-
-
3.1
7.4
8.0
2.2
-
-
-
-
2.9
6.6
8.0
3.3
-
-
-
-
2.7
5.4
3.5
4.7
-
-
-
2.3
2.3
2.9
3.5
10
-
-
2.3
1.1
1.1
1.3
1.6
22
2.3
1.1
1.1
0.6
0.6
-
-
33
1.1
1.1
0.6
0.6
-
-
-
47
1.1
0.6
0.6
0.6
-
-
-
100
0.6
0.6
0.6
-
-
-
-
220
0.6
-
-
-
-
-
-
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com


Similar Part No. - NACX470K504X5.5TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACX470M10V63x55TR13F NIC-NACX470M10V63x55TR13F Datasheet
135Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACX470M16V63x55TR13F NIC-NACX470M16V63x55TR13F Datasheet
135Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACX470M25V63x55TR13F NIC-NACX470M25V63x55TR13F Datasheet
135Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACX470M63V5x55TR13F NIC-NACX470M63V5x55TR13F Datasheet
135Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACX470K504X5.5TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com