Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAP-000079-SMB004 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAAP-000079-SMB004
Description  Amplifier, Power, 20W 7.5-10.5 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAP-000079-SMB004 Datasheet(HTML) 4 Page - Tyco Electronics

  MAAP-000079-SMB004 Datasheet HTML 1Page - Tyco Electronics MAAP-000079-SMB004 Datasheet HTML 2Page - Tyco Electronics MAAP-000079-SMB004 Datasheet HTML 3Page - Tyco Electronics MAAP-000079-SMB004 Datasheet HTML 4Page - Tyco Electronics MAAP-000079-SMB004 Datasheet HTML 5Page - Tyco Electronics MAAP-000079-SMB004 Datasheet HTML 6Page - Tyco Electronics MAAP-000079-SMB004 Datasheet HTML 7Page - Tyco Electronics MAAP-000079-SMB004 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Amplifier, Power, 20W
7.5-10.5 GHz
MAAPGM0079-DIE
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.comfor additional data sheets and product information.
Rev A
Preliminary Datasheet
4
Fig 7. Power Added Efficiency vs. Input Power at VD=10V.
0
5
10
15
20
25
30
35
40
-2
0
2468
10
12
14
16
18
20
22
24
Input Power (dBm)
7.5 GHz
8.5 GHz
9.5 GHz
10.5 GHz
Figure 8. Drain Current vs. Input Power
at V
DD = 10V
0
1
2
3
4
5
6
7
8
2
4
6
8
10121416
182022
Input Pow er (dBm)
7.5 GHz
8.5 GHz
9.5 GHz
10.5 GHz
Figure 9. Relative Gain vs. Output Pow er by Frequency at VD=8V and 25% IDSS
15
17
19
21
23
25
27
29
31
33
35
25
27
29
31
33
35
37
39
41
43
45
Output Power (dBm)
7.5 GHz
9.0 GHz
10.5 GHz
Figure 10. Relative Gain vs. Output Power by Frequency at V
D=10V and 25%
IDSS
15
17
19
21
23
25
27
29
31
33
35
25
27
29
31
33
35
37
39
41
43
45
Output Power (dBm)
7.5 GHz
9.0 GHz
10.5 GHz
Figure 11. Third Order Intercept vs. Output Power and Frequency at 8V.
40
42
44
46
48
50
52
54
56
58
60
12
14
16
18
20
22
24
26
28
30
32
34
36
38
Fundamental Output Power, Single Tone (dBm)
8 GHz
9 GHz
10 GHz
Figure 12. Third Order Intermod vs. Output Power and Frequency at 8V.
0
10
20
30
40
50
60
70
80
90
100
12
14
16
18
20
22
24
26
28
30
32
34
36
38
Fundamental Output Power per Tone (dBm)
8 GHz
9 GHz
10 GHz
All Data is at 40ºC MMIC base temperature, CW stimulus, unless otherwise noted.


Similar Part No. - MAAP-000079-SMB004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000079-SMB004 MACOM-MAAP-000079-SMB004 Datasheet
188Kb / 5P
   Amplifier, Power, 20W 7.5-10.5 GHz
MAAP-000079-SMB004 MACOM-MAAP-000079-SMB004 Datasheet
457Kb / 9P
   Amplifier, Power, 18W 7.5-10.5 GHz
More results

Similar Description - MAAP-000079-SMB004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000079-PKG001 MACOM-MAAP-000079-PKG001 Datasheet
188Kb / 5P
   Amplifier, Power, 20W 7.5-10.5 GHz
MAAP-000079-PED000 MACOM-MAAP-000079-PED000 Datasheet
457Kb / 9P
   Amplifier, Power, 18W 7.5-10.5 GHz
logo
TriQuint Semiconductor
TGA8286 TRIQUINT-TGA8286 Datasheet
546Kb / 7P
   8 - 10.5 GHz Power Amplifier
logo
Tyco Electronics
MA08509D MACOM-MA08509D_1 Datasheet
208Kb / 5P
   Amplifier, Power, 10W 8.5-10.5 GHz
logo
TriQuint Semiconductor
TGA2704 TRIQUINT-TGA2704_15 Datasheet
307Kb / 15P
   9 to 10.5 GHz High Power Amplifier
TGA2710 TRIQUINT-TGA2710_15 Datasheet
313Kb / 16P
   10.5 to 12 GHz High Power Amplifier
logo
Transcom, Inc.
TA085-105-31-17 TRANSCOM-TA085-105-31-17 Datasheet
17Kb / 1P
   8.5 - 10.5 GHz 17dBm Amplifier
logo
Qorvo, Inc
TGA3042-SM QORVO-TGA3042-SM Datasheet
796Kb / 18P
   7 ??10.5 GHz 4.5 W GaN Power Amplifier
logo
Excelics Semiconductor,...
EIM6775-4 EXCELICS-EIM6775-4 Datasheet
180Kb / 3P
   6.7 - 7.5 GHz Multi-Stage Power Amplifier
EIM6775-5 EXCELICS-EIM6775-5 Datasheet
108Kb / 3P
   6.7 - 7.5 GHz Multi-Stage Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com