Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHP9NQ20T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PHP9NQ20T
Description  N-channel TrenchMOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP9NQ20T Datasheet(HTML) 4 Page - NXP Semiconductors

  PHP9NQ20T Datasheet HTML 1Page - NXP Semiconductors PHP9NQ20T Datasheet HTML 2Page - NXP Semiconductors PHP9NQ20T Datasheet HTML 3Page - NXP Semiconductors PHP9NQ20T Datasheet HTML 4Page - NXP Semiconductors PHP9NQ20T Datasheet HTML 5Page - NXP Semiconductors PHP9NQ20T Datasheet HTML 6Page - NXP Semiconductors PHP9NQ20T Datasheet HTML 7Page - NXP Semiconductors PHP9NQ20T Datasheet HTML 8Page - NXP Semiconductors PHP9NQ20T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
PHP9NQ20T, PHB9NQ20T
Fig.1. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25 ˚C = f(Tmb)
Fig.2. Normalised continuous drain current.
ID% = 100
⋅I
D/ID 25 ˚C = f(Tmb); VGS ≥ 10 V
Fig.3. Safe operating area
I
D & IDM = f(VDS); IDM single pulse; parameter tp
Fig.4. Transient thermal impedance.
Z
th j-mb = f(t); parameter D = tp/T
Fig.5. Typical output characteristics, T
j = 25 ˚C.
I
D = f(VDS)
Fig.6. Typical on-state resistance, T
j = 25 ˚C.
R
DS(ON) = f(ID)
Normalised Power Derating, PD (%)
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
125
150
175
Mounting Base temperature, Tmb (C)
0.01
0.1
1
10
1E-06
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
Pulse width, tp (s)
Transient thermal impedance, Zth j-mb (K/W)
single pulse
D = 0.5
0.2
0.1
0.05
0.02
tp
D = tp/T
D
P
T
Normalised Current Derating, ID (%)
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
125
150
175
Mounting Base temperature, Tmb (C)
0
1
2
3
4
5
6
7
8
9
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Drain-Source Voltage, VDS (V)
Drain Current, ID (A)
5 V
Tj = 25 C
VGS = 10V
5.5 V
6 V
8 V
4.5 V
0.1
1
10
100
1
10
100
1000
Drain-Source Voltage, VDS (V)
Peak Pulsed Drain Current, IDM (A)
D.C.
100 ms
10 ms
RDS(on) = VDS/ ID
1 ms
tp = 10 us
100 us
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
01
23
45
67
89
10
Drain Current, ID (A)
Drain-Source On Resistance, RDS(on) (Ohms)
VGS = 10V
Tj = 25 C
8 V
5 V
6 V
5.5 V
4.5 V
August 1999
4
Rev 1.100


Similar Part No. - PHP9NQ20T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP9N60E PHILIPS-PHP9N60E Datasheet
41Kb / 7P
   PowerMOS transistors Avalanche energy rated
January 1998 Rev 1.000
logo
VBsemi Electronics Co.,...
PHP9N60E VBSEMI-PHP9N60E Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - PHP9NQ20T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN057-200P PHILIPS-PSMN057-200P Datasheet
92Kb / 8P
   N-channel TrenchMOS transistor
June 2000 Rev 1.000
PHP23NQ15T PHILIPS-PHP23NQ15T Datasheet
99Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP34NQ10T PHILIPS-PHP34NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHX23NQ10T PHILIPS-PHX23NQ10T Datasheet
61Kb / 8P
   N-channel TrenchMOS transistor
September 1999 Rev 1.000
PSMN040-200W PHILIPS-PSMN040-200W Datasheet
86Kb / 7P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
logo
New Jersey Semi-Conduct...
IRF630_13 NJSEMI-IRF630_13_06 Datasheet
923Kb / 3P
   N-channel TrenchMOS transistor
logo
NXP Semiconductors
PSMN009-100W PHILIPS-PSMN009-100W Datasheet
121Kb / 4P
   N-channel TrenchMOS transistor
February 1999 Rev 1.000
PSMN015-100B PHILIPS-PSMN015-100B Datasheet
146Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
PSMN130-200D PHILIPS-PSMN130-200D Datasheet
143Kb / 12P
   N-channel TrenchMOS transistor
August 1999
PHP18NQ20T PHILIPS-PHP18NQ20T Datasheet
96Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP27NQ10T PHILIPS-PHP27NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com