Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62342GP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M62342GP
Description  8-Bit, 2-Channel D-A Converter (Buffered)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62342GP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M62342GP Datasheet HTML 1Page - Renesas Technology Corp M62342GP Datasheet HTML 2Page - Renesas Technology Corp M62342GP Datasheet HTML 3Page - Renesas Technology Corp M62342GP Datasheet HTML 4Page - Renesas Technology Corp M62342GP Datasheet HTML 5Page - Renesas Technology Corp M62342GP Datasheet HTML 6Page - Renesas Technology Corp M62342GP Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
M62342GP
Rev.1.0, Sep.19.2003, page 5 of 6
Timing Chart
tCKL
tCKH
tCR
tCF
tDCH
tCHD
tCHL
tLDC
tLDH
tLDD
CLK
DI
LD
D- A
output
Usage Notes
1. With this IC, D-A converter upper reference voltage setting is performed by means of the power supply voltage. If
ripples or spikes are imposed on this pin, conversion accuracy may fall. When using this IC, a capacitor must be
inserted between the power supply pin and GND in order to ensure stable D-A conversion.
2. The output buffer amps of this IC are highly tolerant of capacitive loads. Therefore, connecting capacitors (0.1 µF
max.) between the output pins and ground in order to eliminate jitter or noise due to output line wiring presents no
problems whatever in terms of operation.
Sample Standard Application Circuit
MCU
M62342GP
AO1
AO2
N.C.
VCC
GND
DI
CLK
LD
Analog voltage
output pins
+
10
µF
5V
45
1
6
7
8
2
3


Similar Part No. - M62342GP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62342GP RENESAS-M62342GP_08 Datasheet
119Kb / 8P
   8-Bit, 2-Channel D/A Converter (Buffered)
More results

Similar Description - M62342GP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62342HP RENESAS-M62342HP Datasheet
107Kb / 8P
   8-Bit, 2-Channel D/A Converter (Buffered)
M62342GP RENESAS-M62342GP_08 Datasheet
119Kb / 8P
   8-Bit, 2-Channel D/A Converter (Buffered)
M62342P RENESAS-M62342P_15 Datasheet
167Kb / 9P
   8-Bit D/A Converter (Buffered)
M62343GP RENESAS-M62343GP_08 Datasheet
119Kb / 8P
   8-Bit, 3-Channel D/A Converter (Buffered)
M62343GP RENESAS-M62343GP Datasheet
104Kb / 8P
   8-Bit, 3-Channel D/A Converter (Buffered)
M62342P RENESAS-M62342P Datasheet
125Kb / 9P
   8-Bit D/A Converter (Buffered)
logo
Fujitsu Component Limit...
MB40968 FUJITSU-MB40968 Datasheet
107Kb / 18P
   2-Channel 8-BIT D/A Converter
logo
Analog Devices
PM7524FS AD-PM7524FS Datasheet
721Kb / 10P
   CMOS 8-Bit Buffered Multiplying D/A Converter
REV. C
logo
Renesas Technology Corp
HI1177 RENESAS-HI1177 Datasheet
511Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
logo
Intersil Corporation
HI1177 INTERSIL-HI1177 Datasheet
105Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com