Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NACT471M6.3V10X10.5TR13F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NACT471M6.3V10X10.5TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACT471M6.3V10X10.5TR13F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NACT471M6.3V10X10.5TR13F Datasheet HTML 1Page - NIC-Components Corp. NACT471M6.3V10X10.5TR13F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
32
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
33
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Aluminum Electrolytic Capacitors NACT Series
FEATURES
• EXTENDED TEMPERATURE
+125OC
• CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING
• WIDE TEMPERATURE RANGE AND HIGH RIPPLE CURRENT
• DESIGNED FOR AUTOMATIC MOUNTING AND REFLOW
...SOLDERING
CHARACTERISTICS
*Optional ± 10% (K) Tolerance available on most values. Contact factory for availability.
e
g
n
a
R
e
g
a
tl
o
V
d
e
t
a
R
c
d
V
0
5
~
3
.
6
e
g
n
a
R
e
c
n
a
ti
c
a
p
a
C
d
e
t
a
R
0
0
5
1
~
3
3
µF
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
C
°
5
2
1
+
~
°
0
4
-
e
c
n
a
r
e
l
o
T
e
c
n
a
ti
c
a
p
a
C
±
,
)
M
(
%
0
2
±
*
)
K
(
%
0
1
C
°
0
2
t
a
s
e
t
u
n
i
M
2
r
e
tf
A
t
n
e
r
r
u
C
e
g
a
k
a
e
L
.
x
a
M
3
r
o
V
C
1
0
.
0
µ
r
e
t
a
e
r
g
s
i
r
e
v
e
h
c
i
h
w
,
A
)
c
d
V
(
.
V
.
W
3
.
6
0
1
6
1
5
2
5
3
0
5
n
a
T
.
x
a
M
&
e
g
a
tl
o
V
e
g
r
u
S
δ
)
c
d
V
(
.
V
.
S
0
.
8
3
1
0
2
2
3
4
4
3
6
n
a
T
δ
0
2
/
z
H
0
2
1
@
o
C
0
3
.
0
4
2
.
0
0
2
.
0
6
1
.
0
4
1
.
0
4
1
.
0
e
r
u
t
a
r
e
p
m
e
T
w
o
L
)
c
d
V
(
.
V
.
W
3
.
6
0
1
6
1
5
2
5
3
0
5
y
ti
li
b
a
t
S
C
°
0
2
+
Z
/
C
°
5
2
-
Z
4
3
2
2
2
2
)
z
H
0
2
1
@
o
it
a
R
e
c
n
a
d
e
p
m
I
(
C
°
0
2
+
Z
/
C
°
0
4
-
Z
8
6
4
4
3
3
t
s
e
T
e
fi
L
d
a
o
L
e
g
n
a
h
C
e
c
n
a
ti
c
a
p
a
C
e
u
l
a
v
d
e
r
u
s
a
e
m
l
a
it
i
n
i
f
o
%
5
2
+
n
i
h
ti
W
.
V
.
W
d
e
t
a
R
t
a
n
a
T
δ
e
u
l
a
v
d
e
if
i
c
e
p
s
f
o
%
0
0
3
n
a
h
t
s
s
e
L
s
r
u
o
H
0
0
5
,
1
C
°
5
2
1
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
u
l
a
v
d
e
if
i
c
e
p
s
n
a
h
t
s
s
e
L
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
MAXIMUM PERMISSIBLE RIPPLE CURRENT
(mA rms AT 120Hz AND 125OC)
MAXIMUM ESR
(
Ω AT 120Hz AND 20°C)
RIPPLE CURRENT FREQUENCY CORRECTION FACTOR
µ��
��
µ
� ��
��
)
z
H
(
y
c
n
e
u
q
e
r
F
0
0
1
K
1
<
f
K
1
K
0
1
<
f
K
0
1
K
0
0
1
<
f
K
0
0
1
≤ f
C
≤ 3
3
µF
0
.
1
2
.
1
3
.
1
5
4
.
1
3
3
µF C
<
0
.
1
1
.
1
2
.
1
3
.
1
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com


Similar Part No. - NACT471M6.3V10X10.5TR13F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NAC-04-472 ETC2-NAC-04-472 Datasheet
192Kb / 3P
   High attenuation of common mode noise from 150kHz to 1MHz Single Phase 250 VAC
NAC-06-472 ETC2-NAC-06-472 Datasheet
192Kb / 3P
   High attenuation of common mode noise from 150kHz to 1MHz Single Phase 250 VAC
logo
Powerbox
NAC-10-472 POWERBOX-NAC-10-472 Datasheet
322Kb / 1P
   AC FILTER
logo
List of Unclassifed Man...
NAC-10-472 ETC2-NAC-10-472 Datasheet
192Kb / 3P
   High attenuation of common mode noise from 150kHz to 1MHz Single Phase 250 VAC
NAC-16-472 ETC2-NAC-16-472 Datasheet
192Kb / 3P
   High attenuation of common mode noise from 150kHz to 1MHz Single Phase 250 VAC
More results

Similar Description - NACT471M6.3V10X10.5TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com