Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39458-M9260-M100 Datasheet(PDF) 2 Page - EPCOS

Part # B39458-M9260-M100
Description  IF Filter for Audio Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39458-M9260-M100 Datasheet(HTML) 2 Page - EPCOS

  B39458-M9260-M100 Datasheet HTML 1Page - EPCOS B39458-M9260-M100 Datasheet HTML 2Page - EPCOS B39458-M9260-M100 Datasheet HTML 3Page - EPCOS B39458-M9260-M100 Datasheet HTML 4Page - EPCOS B39458-M9260-M100 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Mar 31, 2006
SAW Components
M 9260 M
45,75 MHz
IF Filter for Audio Applications
Data Sheet
Plastic package SIP5K
Standard
s
M/N
Features
s
TV IF audio filter with pass bands for picture
carrier at 45,75 MHz and sound carrier at
41,25 MHz
Terminals
s
Tinned CuFe alloy
Pin configuration
1
Input
2
Input - ground
3
Chip carrier - ground
4
Output
5
Output
Type
Ordering code
Marking and package
according to
Packing
according to
M 9260 M
B39458-M9260-M100
C61157-A1-A15
F61074-V8067-Z000
Maximum ratings
Operable temperature range
TA
–25/+65
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
between any terminals
AC voltage
Vpp
10
V
between any terminals
Dimensions in mm, approx. weight 1,0 g


Similar Part No. - B39458-M9260-M100

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39458-M9370-M100 EPCOS-B39458-M9370-M100 Datasheet
63Kb / 5P
   IF Filter for Audio Applications
More results

Similar Description - B39458-M9260-M100

ManufacturerPart #DatasheetDescription
logo
EPCOS
K9362M EPCOS-K9362M Datasheet
69Kb / 5P
   IF Filter for Audio Applications
L9353M EPCOS-L9353M Datasheet
61Kb / 5P
   IF Filter for Audio Applications
K9351M EPCOS-K9351M Datasheet
66Kb / 5P
   IF Filter for Audio Applications
K9356M EPCOS-K9356M Datasheet
67Kb / 5P
   IF Filter for Audio Applications
G9251M EPCOS-G9251M Datasheet
63Kb / 5P
   IF Filter for Audio Applications
N9350N EPCOS-N9350N Datasheet
52Kb / 5P
   IF Filter for Audio Applications
K9650M EPCOS-K9650M Datasheet
79Kb / 7P
   IF Filter for Audio Applications
logo
List of Unclassifed Man...
K9352M ETC-K9352M Datasheet
58Kb / 5P
   IF Filter for Audio Applications
K9656M ETC-K9656M Datasheet
84Kb / 7P
   IF Filter for Audio Applications
logo
EPCOS
M9370M EPCOS-M9370M Datasheet
63Kb / 5P
   IF Filter for Audio Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com