Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LYA676 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LYA676
Description  Hyper SIDELED Hyper-Bright LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYA676 Datasheet(HTML) 5 Page - OSRAM GmbH

  LYA676 Datasheet HTML 1Page - OSRAM GmbH LYA676 Datasheet HTML 2Page - OSRAM GmbH LYA676 Datasheet HTML 3Page - OSRAM GmbH LYA676 Datasheet HTML 4Page - OSRAM GmbH LYA676 Datasheet HTML 5Page - OSRAM GmbH LYA676 Datasheet HTML 6Page - OSRAM GmbH LYA676 Datasheet HTML 7Page - OSRAM GmbH LYA676 Datasheet HTML 8Page - OSRAM GmbH LYA676 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LS A676, LA A676, LO A676, LY A676
2002-09-18
5
Helligkeitswerte werden mit einer Stromeinprägedauer von 25 ms und einer Genauigkeit von ±11 % ermittelt.
Luminous intensity is tested at a current pulse duration of 25 ms and a tolerance of ±11 %.
1) Wellenlängengruppen / Wavelength groups
Gruppe
Group
yellow
orange
Einheit
Unit
min.
max. min.
max.
2
580
583
600
603
nm
3
583
586
603
606
nm
4
586
589
606
609
nm
5
589
592
nm
6
592
595
nm
Helligkeits-Gruppierungsschema
Luminous Intensity Groups
Lichtgruppe
Luminous Intensity Group
Lichtstärke
Luminous Intensity
I
V (mcd)
Lichtstrom
Luminous Flux
Φ
V (mlm)
N2
P1
P2
Q1
Q2
R1
R2
S1
S2
35.5 ... 45.0
45.0 ... 56.0
56.0 ... 71.0
71.0 ... 90.0
90.0 ... 112.0
112.0 ... 140.0
140.0 ... 180.0
180.0 ... 224.0
224.0 ... 280.0
120 (typ.)
150 (typ.)
190 (typ.)
240 (typ.)
300 (typ.)
380 (typ.)
480 (typ.)
600 (typ.)
760 (typ.)
Gruppenbezeichnung auf Etikett
Group Name on Label
Beispiel: P2-3
Example: P2-3
Lichtgruppe
Luminous Intensity Group
Halbgruppe
Half Group
Wellenlänge
Wavelength
P2
3


Similar Part No. - LYA676

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYA676 OSRAM-LYA676 Datasheet
366Kb / 15P
   Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LYA676 OSRAM-LYA676 Datasheet
185Kb / 13P
   Hyper SIDELED
LYA676 OSRAM-LYA676 Datasheet
324Kb / 20P
   Optical Indicator
LYA676-Q2T1-26 OSRAM-LYA676-Q2T1-26 Datasheet
449Kb / 19P
   SIDELED
LYA676-R1S2-26 OSRAM-LYA676-R1S2-26 Datasheet
366Kb / 15P
   Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - LYA676

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSC876 SIEMENS-LSC876 Datasheet
319Kb / 6P
   Hyper Mini SIDELED Hyper-Bright LED
logo
OSRAM GmbH
LWY87S OSRAM-LWY87S Datasheet
157Kb / 14P
   Micro SIDELED White Hyper-Bright LED
LBC876 OSRAM-LBC876 Datasheet
134Kb / 13P
   BLUE LINE-TM HYPER MINI SIDELED HYPER-BRIGHT LED
logo
Siemens Semiconductor G...
LHA674 SIEMENS-LHA674 Datasheet
108Kb / 7P
   SIDELED Super-Bright, Hyper-Red GaAIAs-LED
logo
OSRAM GmbH
LYM676 OSRAM-LYM676 Datasheet
185Kb / 13P
   Hyper SIDELED
LBT673 OSRAM-LBT673 Datasheet
188Kb / 15P
   HYPER TOPLED, HYPER BRIGHT LED
LOP476 OSRAM-LOP476 Datasheet
586Kb / 17P
   Hyper PointLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LST676 SIEMENS-LST676 Datasheet
350Kb / 7P
   Hyper TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LSR976 OSRAM-LSR976 Datasheet
143Kb / 11P
   Hyper CHIPLED Hyper-Bright LED
LYE675 OSRAM-LYE675 Datasheet
139Kb / 14P
   Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com