Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHP95N03LT Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PHP95N03LT
Description  N-channel TrenchMOS transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP95N03LT Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PHP95N03LT Datasheet HTML 5Page - NXP Semiconductors PHP95N03LT Datasheet HTML 6Page - NXP Semiconductors PHP95N03LT Datasheet HTML 7Page - NXP Semiconductors PHP95N03LT Datasheet HTML 8Page - NXP Semiconductors PHP95N03LT Datasheet HTML 9Page - NXP Semiconductors PHP95N03LT Datasheet HTML 10Page - NXP Semiconductors PHP95N03LT Datasheet HTML 11Page - NXP Semiconductors PHP95N03LT Datasheet HTML 12Page - NXP Semiconductors PHP95N03LT Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Philips Semiconductors
PHP95N03LT series
N-channel TrenchMOS transistor
Product specification
Rev. 01 — 02 February 2001
9 of 15
9397 750 07814
© Philips Electronics N.V. 2001. All rights reserved.
9.
Package outline
Fig 15. SOT78 (TO-220AB).
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT78
SC-46
3-lead TO-220AB
D
D1
q
P
L
12
3
L2
(1)
b1
e
e
b
0
5
10 mm
scale
Plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead TO-220AB
SOT78
DIMENSIONS (mm are the original dimensions)
A
E
A1
c
Note
1. Terminals in this zone are not tinned.
Q
L1
UNIT
A1
b1
D1
e
P
mm
2.54
qQ
A
b
D
c
L2
(1)
max.
3.0
3.8
3.6
15.0
13.5
3.30
2.79
3.0
2.7
2.6
2.2
0.7
0.4
15.8
15.2
0.9
0.7
1.3
1.0
4.5
4.1
1.39
1.27
6.4
5.9
10.3
9.7
L1
E
L
99-09-13
00-09-07
mounting
base


Similar Part No. - PHP95N03LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP96NQ03LT PHILIPS-PHP96NQ03LT Datasheet
293Kb / 14P
   N-channel enhancement mode field-effect transistor
Rev. 03-23 October 2001
PHP98N03LT PHILIPS-PHP98N03LT Datasheet
287Kb / 14P
   N-channel enhancement mode field-effect transistor
Rev. 02-18 October 2001
PHP9N60E PHILIPS-PHP9N60E Datasheet
41Kb / 7P
   PowerMOS transistors Avalanche energy rated
January 1998 Rev 1.000
logo
VBsemi Electronics Co.,...
PHP9N60E VBSEMI-PHP9N60E Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
NXP Semiconductors
PHP9NQ20T PHILIPS-PHP9NQ20T Datasheet
110Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
More results

Similar Description - PHP95N03LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN057-200P PHILIPS-PSMN057-200P Datasheet
92Kb / 8P
   N-channel TrenchMOS transistor
June 2000 Rev 1.000
PHP23NQ15T PHILIPS-PHP23NQ15T Datasheet
99Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP34NQ10T PHILIPS-PHP34NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHX23NQ10T PHILIPS-PHX23NQ10T Datasheet
61Kb / 8P
   N-channel TrenchMOS transistor
September 1999 Rev 1.000
PSMN040-200W PHILIPS-PSMN040-200W Datasheet
86Kb / 7P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
logo
New Jersey Semi-Conduct...
IRF630_13 NJSEMI-IRF630_13_06 Datasheet
923Kb / 3P
   N-channel TrenchMOS transistor
logo
NXP Semiconductors
PSMN009-100W PHILIPS-PSMN009-100W Datasheet
121Kb / 4P
   N-channel TrenchMOS transistor
February 1999 Rev 1.000
PSMN015-100B PHILIPS-PSMN015-100B Datasheet
146Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
PSMN130-200D PHILIPS-PSMN130-200D Datasheet
143Kb / 12P
   N-channel TrenchMOS transistor
August 1999
PHP18NQ20T PHILIPS-PHP18NQ20T Datasheet
96Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP27NQ10T PHILIPS-PHP27NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com