Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IA88C00-PLC68I Datasheet(PDF) 6 Page - InnovASIC, Inc

Part # IA88C00-PLC68I
Description  Microcontroller
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PLC68I Datasheet(HTML) 6 Page - InnovASIC, Inc

Back Button IA88C00-PLC68I Datasheet HTML 2Page - InnovASIC, Inc IA88C00-PLC68I Datasheet HTML 3Page - InnovASIC, Inc IA88C00-PLC68I Datasheet HTML 4Page - InnovASIC, Inc IA88C00-PLC68I Datasheet HTML 5Page - InnovASIC, Inc IA88C00-PLC68I Datasheet HTML 6Page - InnovASIC, Inc IA88C00-PLC68I Datasheet HTML 7Page - InnovASIC, Inc IA88C00-PLC68I Datasheet HTML 8Page - InnovASIC, Inc IA88C00-PLC68I Datasheet HTML 9Page - InnovASIC, Inc IA88C00-PLC68I Datasheet HTML 10Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG 21 0 050519-00
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 6 of 80
1.888.824.4184
IA88C00
DIP
P00
P01
P07
P34
/AS
GND
P42
/RESET
P36
P27
P26
P30
P06
P40
P04
/DS
P43
R/W
P37
P05
P11
P02
P03
P35
P41
P12
P13
P14
P15
P16
P17
P24
P25
+5V
XTAL2
XTAL1
P44
P45
P46
P47
P22
P32
P33
P23
P20
P21
P31
P10
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
Figure 2. 48-Lead DIP Package


Similar Part No. - IA88C00-PLC68I

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
IA8012N0515 AAC-IA8012N0515 Datasheet
90Kb / 1P
   Broadband Isolating Amplifiers 0.5 to 18GHz
IA8012N0920 AAC-IA8012N0920 Datasheet
90Kb / 1P
   Broadband Isolating Amplifiers 0.5 to 18GHz
IA8012N1115 AAC-IA8012N1115 Datasheet
90Kb / 1P
   Broadband Isolating Amplifiers 0.5 to 18GHz
IA8012N1120 AAC-IA8012N1120 Datasheet
90Kb / 1P
   Broadband Isolating Amplifiers 0.5 to 18GHz
IA8012N1220 AAC-IA8012N1220 Datasheet
90Kb / 1P
   Broadband Isolating Amplifiers 0.5 to 18GHz
More results

Similar Description - IA88C00-PLC68I

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com