Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2413PWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2413PWR
Description  N1 and ORing Power Rail Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2413PWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2413PWR Datasheet HTML 5Page - Texas Instruments TPS2413PWR Datasheet HTML 6Page - Texas Instruments TPS2413PWR Datasheet HTML 7Page - Texas Instruments TPS2413PWR Datasheet HTML 8Page - Texas Instruments TPS2413PWR Datasheet HTML 9Page - Texas Instruments TPS2413PWR Datasheet HTML 10Page - Texas Instruments TPS2413PWR Datasheet HTML 11Page - Texas Instruments TPS2413PWR Datasheet HTML 12Page - Texas Instruments TPS2413PWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
V
at20mV/div
(AC)
I
at2 A/div
(GATE)
V
at5V/div
(GATE)
Delay=68ns,V
=12Vat103ns
(GATE)
V(AC)
GATE
I(GATE
20ns/div
V
at2V/div
(GATE)
I
at2A/div
(GATE)
Delay=70ns,V
=1Vat113ns
(GATE)
V
at20mV/div
(AC)
20ns/div
V(AC)
GATE
I(GATE
TPS2412
TPS2413
SLVS728A – JANUARY 2007 – REVISED FEBRUARY 2007
TYPICAL CHARACTERISTICS (continued)
TURNOFF TIME WITH
C(GATE) = 10 nF and V(AC) = -20 mV (VDD = VA = 12 V)
Figure 9.
TURNOFF TIME WITH
C(GATE) = 10 nF and V(AC) = -20 mV (VDD = 5, VA = 1 V)
Figure 10.
9
Submit Documentation Feedback


Similar Part No. - TPS2413PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2413PWR TI1-TPS2413PWR Datasheet
1Mb / 24P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2413PWR TI1-TPS2413PWR Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
TPS2413PWR TI1-TPS2413PWR Datasheet
1Mb / 29P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2413PWRG4 TI1-TPS2413PWRG4 Datasheet
1Mb / 24P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2413PWRG4 TI1-TPS2413PWRG4 Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
More results

Similar Description - TPS2413PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2412D TI1-TPS2412D Datasheet
1Mb / 24P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_17 Datasheet
1Mb / 29P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2410 TI-TPS2410 Datasheet
851Kb / 26P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_14 Datasheet
1Mb / 33P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_V01 Datasheet
1Mb / 31P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2419 TI-TPS2419 Datasheet
493Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller with Enable
TPS2410 TI1-TPS2410_V02 Datasheet
1Mb / 33P
[Old version datasheet]   TPS241x Full Featured N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_15 Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com