Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAZU151M16V6.3X8NBF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NAZU151M16V6.3X8NBF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAZU151M16V6.3X8NBF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NAZU151M16V6.3X8NBF Datasheet HTML 1Page - NIC-Components Corp. NAZU151M16V6.3X8NBF Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
50
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
51
®
NIC COMPONENTS CORP.
.niccomp.
.lowESR.
.RFpassives.
w.SMTmagnetics.
NIC Part Number
Cap.
(µF)
W.V.
(Vdc)
Dissipaton Factor
(Tan δ)
Max. Impedance (Ω)
+20°C, 100KHz
Max. Ripple Current (mA)
+105°C, 100KHz
Load Life Hours
@ +105°C
NAZU470M6.3V5X6.3NBF
47
6.3
0.28
1.30
95
3,000
NAZU101M6.3V6.3X6.3NBF
100
0.28
0.70
140
3,000
NAZU221M6.3V6.3X8NBF
220
0.28
0.60
230
3,000
NAZU331M6.3V6.3X8NBF
330
0.28
0.60
230
3,000
NAZU330M10V5X6.3NBF
33
10
0.24
1.30
95
3,000
NAZU151M10V6.3X6.3NBF
150
0.24
0.70
140
3,000
NAZU220M16V5X6.3NBF
22
16
0.22
1.30
95
3,000
NAZU470M16V6.3X6.3NBF
47
0.22
0.70
140
3,000
NAZU101M16V6.3X6.3NBF
100
0.22
0.70
140
3,000
NAZU151M16V6.3X8NBF
150
0.22
0.60
230
3,000
NAZU221M16V6.3X8NBF
220
0.22
0.60
230
3,000
NAZU220M25V5X6.3NBF
22
25
0.16
1.30
95
3,000
NAZU330M25V6.3X6.3NBF
33
0.16
0.70
140
3,000
NAZU470M25V6.3X6.3NBF
47
0.16
0.70
140
3,000
NAZU101M25V6.3X8NBF
100
0.16
0.60
230
3,000
NAZU100M35V5X6.3NBF
10
35
0.13
1.30
95
3,000
NAZU220M35V6.3X6.3NBF
22
0.13
0.70
140
3,000
NAZU470M35V6.3X8NBF
47
0.13
0.60
230
3,000
NAZU100M50V6.3X6.3NBF
10
50
0.12
2.00
70
3,000
NAZU220M50V6.3X6.3NBF
22
0.12
2.00
70
3,000
NAZU330M50V6.3X8NBF
33
0.12
1.35
100
3,000
Surface Mount Aluminum Electrolytic Capacitors NAZU Series
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
Diameter
Time above
200°C
Time above
230°C
Peak Temperature
5 seconds
5 ~ 6.3mm φ
80 sec. max.
40 sec. max.
260°C
PEAK REFLOW TEMPERATURE AND DURATION
Time Above 200°C
(see table)
50
100
150
200
Time (Seconds)
Preheat - 120 seconds max.
(150°C ~ 180°C)
Peak Temperature
(see table)
230
Time Above 230°C
(see table)
Case Size
a
b
c
5x6.3
1.4
3.0
1.8
6x3x6.3
6.3x8
2.1
3.5
1.8
a
c
b
RECOMMENDED LAND PATTERN DIMENSIONS (mm)
Frequency
100Hz
1KHz
10KHz
100KHz
10 ~ 33µF
0.60
0.75
0.95
1.00
47 ~ 330µF
0.75
0.85
0.95
1.00
RIPPLE CURRENT FREQUENCY CORRECTION FACTORS


Similar Part No. - NAZU151M16V6.3X8NBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAZU151M16V63X8NBF NIC-NAZU151M16V63X8NBF Datasheet
92Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAZU151M16V6.3X8NBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com