Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65162 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65162
Description  Compact LCD Bias IC With High Speed Amplifiers for TV-LCD Panels
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65162 Datasheet(HTML) 1 Page - Texas Instruments

  TPS65162 Datasheet HTML 1Page - Texas Instruments TPS65162 Datasheet HTML 2Page - Texas Instruments TPS65162 Datasheet HTML 3Page - Texas Instruments TPS65162 Datasheet HTML 4Page - Texas Instruments TPS65162 Datasheet HTML 5Page - Texas Instruments TPS65162 Datasheet HTML 6Page - Texas Instruments TPS65162 Datasheet HTML 7Page - Texas Instruments TPS65162 Datasheet HTML 8Page - Texas Instruments TPS65162 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
EN2
D1
L1
10 mH
Vin
8 Vto 14 V
C7
220 pF
R2
3.6 kW
R1
39 kW
FB
EN1
FREQ
VIN
SS
VC
CE
REF
VDPM
AGND
FBB
SWB
DRVP
VGH
FBP
VGHM
RE
VDD
SWB
CBOOT
R5
62 kW
R6
3.3 kW
GateVoltage
Shaping
Boost
Converter
D
S
VGH
25 V/50 mA
FBN
DRVN
D4D5
R3
200 kW
R4
51 kW
C7
470 nF
R11
2.4 kW
R12
1.5 kW
VFLK
VGL
-5V/50mA
Vlogic
3.3 V/2.5 A
L2
10 mH
Vs
15 V/1.5 A
Vs
VFLK
Buck
Converter
EnableGate
Voltageshaping
DLY1
DLY2
GND
C4
22 mF
C2
22 mF
C11
1 mF
C12
1 mF
C8
22 mF
C9
22 mF
2
D2D3
C16
470 nF
C17
470 nF
R10
1 KW
R7
10 KW
R8
1.5 KW
C20
100 nF
C21
470 pF
C22
22 mF
C23
22 mF
C24
10 nF
C25
22 nF
C19
220 nF
C18
470 nF
C14
100 pF
C13
22 nF
C12
22 nF
C11
1 mF
1
C1
22 mF
C5
10 mF
C10
22 mF
D5
TPS65162
SLVS771 – MAY 2007
Compact LCD Bias IC With High Speed Amplifiers for TV-LCD Panels
• Gate Voltage Shaping for VGH
• 8-V to 14.4-V Input Voltage Range
• Soft Start for all Converters
• 500 kHz / 750 kHz Fixed Switching Frequency
• Two Integrated High-Speed Opamps
• Boost Output Voltage up to 19 V
50-MHz, 3-dB Bandwidth
1%-Accurate Boost With 2.8-A Switch
Slew Rate 55 V /
µs
Current Overvoltage Protection
215-mA Short-Circuit Current
• Input-to-Output Isolation Switch for Vs
• 48 Pin 7x7 mm QFN Package
Short-Circuit protection for Boost
• 2.5-A Step-Down Converter
• LCD TV
• Regulated Positive Charge-Pump Driver VGH
• LCD Monitor
• Regulated Negative Charge-Pump Driver VGL
The TPS65162 is a compact LCD bias IC with two high-speed operational amplifiers for the Vcom supply. The
high current capability of the device is ideal for large LCD-monitor and LCD-TV applications.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS65162

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65160 TI-TPS65160 Datasheet
730Kb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160A TI-TPS65160A Datasheet
730Kb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160APWP TI-TPS65160APWP Datasheet
730Kb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160APWPG4 TI-TPS65160APWPG4 Datasheet
730Kb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160APWPR TI-TPS65160APWPR Datasheet
730Kb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
More results

Similar Description - TPS65162

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65165 TI-TPS65165 Datasheet
707Kb / 26P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65165RSBR TI-TPS65165RSBR Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65165 TI-TPS65165_12 Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65166 TI1-TPS65166 Datasheet
3Mb / 41P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167 TI-TPS65167_07 Datasheet
1Mb / 39P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167 TI-TPS65167 Datasheet
1Mb / 37P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65160 TI-TPS65160 Datasheet
730Kb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65161 TI-TPS65161 Datasheet
1Mb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65161 TI-TPS65161_08 Datasheet
809Kb / 31P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
logo
Richtek Technology Corp...
RT6908 RICHTEK-RT6908 Datasheet
429Kb / 22P
   PMIC for TFT LCD TV Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com