Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC1051ZL Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # HMC1051ZL
Description  1, 2 and 3 Axis Magnetic Sensors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HMC1051ZL Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  HMC1051ZL Datasheet HTML 1Page - Honeywell Solid State Electronics Center HMC1051ZL Datasheet HTML 2Page - Honeywell Solid State Electronics Center HMC1051ZL Datasheet HTML 3Page - Honeywell Solid State Electronics Center HMC1051ZL Datasheet HTML 4Page - Honeywell Solid State Electronics Center HMC1051ZL Datasheet HTML 5Page - Honeywell Solid State Electronics Center HMC1051ZL Datasheet HTML 6Page - Honeywell Solid State Electronics Center HMC1051ZL Datasheet HTML 7Page - Honeywell Solid State Electronics Center HMC1051ZL Datasheet HTML 8Page - Honeywell Solid State Electronics Center HMC1051ZL Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
HMC1051/HMC1052/HMC1053
2
www.honeywell.com
SPECIFICATIONS
Characteristics
Conditions*
Min
Typ
Max
Units
Bridge Elements
Supply
Vbridge referenced to GND
1.8
3.0
20
Volts
Resistance
Bridge current = 10mA
800
1000
1500
ohms
Operating Temperature
Ambient
-40
125
°C
Storage Temperature
Ambient, unbiased
-55
150
°C
Humidity
Tested at 85°C
85
%
Field Range
Full scale (FS) – total applied field
-6
+6
gauss
Linearity Error
Best fit straight line
± 1 gauss
± 3 gauss
± 6 gauss
0.1
0.5
1.8
%FS
Hysteresis Error
3 sweeps across ±3 gauss
0.06
%FS
Repeatability Error
3 sweeps across ±3 gauss
0.1
%FS
Bridge Offset
Offset = (OUT+) – (OUT-)
Field = 0 gauss after Set pulse
-1.25
± 0.5
+1.25
mV/V
Sensitivity
Set/Reset Current = 0.5A
0.8
1.0
1.2
mV/V/gauss
Noise Density
@ 1kHz, Vbridge=5V
50
nV/sqrt Hz
Resolution
50Hz Bandwidth, Vbridge=5V
120
µgauss
Bandwidth
Magnetic signal (lower limit = DC)
5
MHz
Disturbing Field
Sensitivity starts to degrade.
Use S/R pulse to restore sensitivity.
20
gauss
Sensitivity Tempco
TA= -40 to 125°C, Vbridge=5V
TA= -40 to 125°C, Ibridge=5mA
-3000
-2700
-600
-2400
ppm/°C
Bridge Offset Tempco
TA= -40 to 125°C, No Set/Reset
TA= -40 to 125°C, With Set/Reset
± 500
± 10
ppm/°C
Bridge Ohmic Tempco
Vbridge=5V, TA= -40 to 125°C
2100
2500
2900
ppm/°C
Cross-Axis Effect
Cross field = 1 gauss, Happlied = ±1 gauss
± 3
%FS
Max. Exposed
Field
No perming effect on zero reading
10000
gauss
Sensitivity Ratio of
X,Y Sensors
TA= -40 to 125°C
(HMC1052 Only)
95
100
105
%
X,Y sensor
Orthogonality
Sensitive direction in X and Y sensors
(HMC1052)
0.01
degree
Set/Reset Strap
Resistance
Measured from S/R+ to S/R-
3
4.5
6
ohms
Current
0.1% duty cycle, or less, 2
µsec current pulse
0.4
0.5
4
Amp
Resistance Tempco
TA= -40 to 125°C
3300
3700
4100
ppm/°C
Offset Straps
Resistance
Measured from OFFSET+ to OFFSET-
12
15
18
ohms
Offset
Constant
DC Current
Field applied in sensitive direction
10
mA/gauss
Resistance Tempco
TA= -40 to 125°C
3500
3900
4300
ppm/°C
* Tested at 25°C except stated otherwise.


Similar Part No. - HMC1051ZL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMC1051Z ETC-HMC1051Z Datasheet
330Kb / 8P
   1 AND 2-AXIS MAGNETIC SENSORS
More results

Similar Description - HMC1051ZL

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
HMC1052L-TR HONEYWELL-ACC-HMC1052L-TR Datasheet
662Kb / 11P
   1, 2 and 3 Axis Magnetic Sensors
logo
Honeywell Solid State E...
HMC105X HONEYWELL-HMC105X Datasheet
895Kb / 12P
   1, 2 AND 3-AXIS MAGNETIC SENSORS
logo
Honeywell Accelerometer...
HMC1001-RC HONEYWELL-ACC-HMC1001-RC Datasheet
1Mb / 15P
   1- and 2-Axis Magnetic Sensors
logo
List of Unclassifed Man...
HMC1051 ETC-HMC1051 Datasheet
330Kb / 8P
   1 AND 2-AXIS MAGNETIC SENSORS
logo
Honeywell Solid State E...
HMC1001 HONEYWELL-HMC1001 Datasheet
628Kb / 15P
   1- and 2-Axis Magnetic Sensors
logo
Honeywell Accelerometer...
HMC1021Z-RC HONEYWELL-ACC-HMC1021Z-RC Datasheet
1Mb / 15P
   1- and 2-Axis Magnetic Sensors
logo
List of Unclassifed Man...
HMC1052 ETC-HMC1052 Datasheet
698Kb / 4P
   Two-Axis Magnetic Sensors
HMC1041Z ETC-HMC1041Z Datasheet
248Kb / 6P
   1-Axis Magnetic Sensor
logo
Honeywell Solid State E...
HMC1023 HONEYWELL-HMC1023 Datasheet
465Kb / 7P
   3-AXIS MAGNETIC SENSOR
HMC1042L HONEYWELL-HMC1042L Datasheet
409Kb / 6P
   2-Axis Magnetic Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com