Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS470R1VC348PZQ Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS470R1VC348PZQ
Description  16/32-BIT RISC ROM MICROCONTROLLERS
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS470R1VC348PZQ Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS470R1VC348PZQ Datasheet HTML 3Page - Texas Instruments TMS470R1VC348PZQ Datasheet HTML 4Page - Texas Instruments TMS470R1VC348PZQ Datasheet HTML 5Page - Texas Instruments TMS470R1VC348PZQ Datasheet HTML 6Page - Texas Instruments TMS470R1VC348PZQ Datasheet HTML 7Page - Texas Instruments TMS470R1VC348PZQ Datasheet HTML 8Page - Texas Instruments TMS470R1VC348PZQ Datasheet HTML 9Page - Texas Instruments TMS470R1VC348PZQ Datasheet HTML 10Page - Texas Instruments TMS470R1VC348PZQ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
TMS470R1VC338, TMS470R1VC348, TMS470R1VC3382, TMS470R1VC3482
16/32-BIT RISC ROM MICROCONTROLLERS
SPNS085C – JULY 2003 – REVISED JANUARY 2006
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251-1443
functional block diagram
† ADIN[11:0] for VC338x and ADIN[15:0] for VC348x.
‡ HET[31:29, 24] and HET[22:0] for VC338x, HET[31, 24] and HET[21:18, 13:10, 8, 7, 6, 4, 2, 0] for VC348x.
§ The SPI2 chip select pin (SPI2SCS) is only applicable to the VC348x device.
¶ GIOA[0]/INT[0] is an input-only GIO pin.
# GIOA[2]/INT[2], GIOA[3]/INT[3], and GIOB[3:0] pins are not applicable to the VC338x device.
ZPLL
MibADC
with
64-Word
FIFO
PLLDIS
OSCOUT
ADIN[11:0]
ADEVT
ADREFLO
ADREFHI
HET with
XOR Share
(64-Word)
SPI2
SCI1
SCC
VSSAD
HET [31:29, 24]
HET[22:0]
CANSRX
CANSTX
SCI1TX
SCI1CLK
VCCAD
RAM
(10K Bytes) (VC3x8)
(12K Bytes) (VC3x82)
TMS470R1x
CPU
CPU Address/Data Bus
TMS470R1x 470+ SYSTEM MODULE
OSCIN
External Pins
TCK
TMS
TDO
TDI
TRST
AWD
RST
TMS2
PORRST
CLKOUT
ROM
(256K Bytes)
C2SIb
C2SIbTX
C2SIbLPN
C2SIbRX
SCI1RX
External Pins
SPI1
GIO
TEST
GIOA[1]/INT[1]/
ECP
ECLK
SCI2
SCI2TX
SCI2RX


Similar Part No. - TMS470R1VC348PZQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1VC346A TI1-TMS470R1VC346A Datasheet
839Kb / 54P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
TMS470R1VC346APZ-T TI1-TMS470R1VC346APZ-T Datasheet
839Kb / 54P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
TMS470R1VC346APZA TI1-TMS470R1VC346APZA Datasheet
839Kb / 54P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
TMS470R1VC346APZQ TI1-TMS470R1VC346APZQ Datasheet
839Kb / 54P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
TMS470R1VC346BPZ-T TI1-TMS470R1VC346BPZ-T Datasheet
839Kb / 54P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
More results

Similar Description - TMS470R1VC348PZQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1VC336A TI1-TMS470R1VC336A Datasheet
839Kb / 54P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
TMS470R1VC334A TI1-TMS470R1VC334A Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC002 TI-TMS470R1VC002 Datasheet
670Kb / 42P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1A128 TI-TMS470R1A128 Datasheet
451Kb / 45P
[Old version datasheet]   16/32-Bit RISC Flash Microcontrollers
TMS470R1VF689 TI-TMS470R1VF689 Datasheet
992Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF336A TI-TMS470R1VF336A Datasheet
770Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF48C TI-TMS470R1VF48C Datasheet
948Kb / 67P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF338 TI-TMS470R1VF338 Datasheet
912Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
logo
NEC
V853 NEC-V853 Datasheet
32Kb / 4P
   32-bit RISC Microcontrollers
logo
Hynix Semiconductor
GMS30C2216 HYNIX-GMS30C2216 Datasheet
1Mb / 320P
   16/32 BIT RISC/DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com