Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS470R1VC338PZA Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS470R1VC338PZA
Description  16/32-BIT RISC ROM MICROCONTROLLERS
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS470R1VC338PZA Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS470R1VC338PZA Datasheet HTML 7Page - Texas Instruments TMS470R1VC338PZA Datasheet HTML 8Page - Texas Instruments TMS470R1VC338PZA Datasheet HTML 9Page - Texas Instruments TMS470R1VC338PZA Datasheet HTML 10Page - Texas Instruments TMS470R1VC338PZA Datasheet HTML 11Page - Texas Instruments TMS470R1VC338PZA Datasheet HTML 12Page - Texas Instruments TMS470R1VC338PZA Datasheet HTML 13Page - Texas Instruments TMS470R1VC338PZA Datasheet HTML 14Page - Texas Instruments TMS470R1VC338PZA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
TMS470R1VC338, TMS470R1VC348, TMS470R1VC3382, TMS470R1VC3482
16/32-BIT RISC ROM MICROCONTROLLERS
SPNS085C – JULY 2003 – REVISED JANUARY 2006
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251-1443
Terminal Functions (Continued)
† I = input, O = output, PWR = power, GND = ground, REF = reference voltage, NC = no connect
‡ All I/O pins, except RST, are configured as inputs while PORRST is low and immediately after PORRST goes high.
§ IPD = internal pulldown, IPU = internal pullup (all internal pullups and pulldowns are active on input pins, independent of the PORRST state.)
TERMINAL
TYPE†‡
INTERNAL
PULLUP/
PULLDOWN§
DESCRIPTION
NAME
VC338X
VC348X
WATCHDOG/REAL-TIME INTERRUPT (WD/RTI)
AWD
50
50
3.3-V I/O
IPD
Analog watchdog reset. The AWD pin provides a system reset if the WD
KEY is not written in time by the system, providing an external RC network
circuit is connected. If the user is not using AWD, TI recommends that this
pin be connected to ground or pulled down to ground by an external
resistor.
For more details on the external RC network circuit, see the TMS470R1x
System Module Reference Guide (literature number SPNU189) and the
application note Analog Watchdog Resistor, Capacitor and Discharge
Interval Selection Constraints (literature number SPNA005).
TEST/DEBUG (T/D)
TCK
54
54
3.3-V I
IPD
Test clock. TCK controls the test hardware (JTAG).
TDI
52
52
3.3-V I
IPU
Test data in. TDI inputs serial data to the test instruction register, test data
register, and programmable test address (JTAG).
TDO
53
53
3.3-V O
IPD
Test data out. TDO outputs serial data from the test instruction register,
test data register, identification register, and programmable test address
(JTAG).
TEST
27
27
3.3-V I
IPD
Test enable. Reserved for internal use only. TI recommends that this pin
be connected to ground or pulled down to ground by an external resistor.
TMS
84
87
3.3-V I
IPU
Serial input for controlling the state of the CPU test access port (TAP)
controller (JTAG).
TMS2
85
88
3.3-V I
IPU
Serial input for controlling the second TAP. TI recommends that this pin
be connected to VCCIO or pulled up to VCCIO by an external resistor.
TRST
26
26
3.3-V I
IPD
Test hardware reset to TAP1 and TAP2. IEEE Standard 1149-1 (JTAG)
Boundary-Scan Logic. TI recommends that this pin be pulled down to
ground by an external resistor.
SUPPLY VOLTAGE CORE (1.8 V)
VCC
99
1.8-V
PWR
Core logic supply voltage
40
40
66
65
87
90
91
93
SUPPLY VOLTAGE DIGITAL I/O (3.3 V)
VCCIO
12
12
3.3-V
PWR
Digital I/O supply voltage
58
57
SUPPLY GROUND CORE
VSS
66
GND
Core supply ground reference
39
39
65
64
86
89
90
92
SUPPLY GROUND DIGITAL I/O
VSSIO
11
11
GND
Digital I/O supply ground reference
57
56


Similar Part No. - TMS470R1VC338PZA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1VC334A TI1-TMS470R1VC334A Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC334APNA TI1-TMS470R1VC334APNA Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC334APNQ TI1-TMS470R1VC334APNQ Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC334APNT TI1-TMS470R1VC334APNT Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC336 TI1-TMS470R1VC336 Datasheet
839Kb / 54P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
More results

Similar Description - TMS470R1VC338PZA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1VC336A TI1-TMS470R1VC336A Datasheet
839Kb / 54P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
TMS470R1VC334A TI1-TMS470R1VC334A Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC002 TI-TMS470R1VC002 Datasheet
670Kb / 42P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1A128 TI-TMS470R1A128 Datasheet
451Kb / 45P
[Old version datasheet]   16/32-Bit RISC Flash Microcontrollers
TMS470R1VF689 TI-TMS470R1VF689 Datasheet
992Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF336A TI-TMS470R1VF336A Datasheet
770Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF48C TI-TMS470R1VF48C Datasheet
948Kb / 67P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF338 TI-TMS470R1VF338 Datasheet
912Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
logo
NEC
V853 NEC-V853 Datasheet
32Kb / 4P
   32-bit RISC Microcontrollers
logo
Hynix Semiconductor
GMS30C2216 HYNIX-GMS30C2216 Datasheet
1Mb / 320P
   16/32 BIT RISC/DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com