Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM690 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM690
Description  3V Supervisor with Battery Switchover
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM690 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM690_06 Datasheet HTML 4Page - STMicroelectronics STM690_06 Datasheet HTML 5Page - STMicroelectronics STM690_06 Datasheet HTML 6Page - STMicroelectronics STM690_06 Datasheet HTML 7Page - STMicroelectronics STM690_06 Datasheet HTML 8Page - STMicroelectronics STM690_06 Datasheet HTML 9Page - STMicroelectronics STM690_06 Datasheet HTML 10Page - STMicroelectronics STM690_06 Datasheet HTML 11Page - STMicroelectronics STM690_06 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
STM690/704/795/802/804/805/806
8/32
Figure 10. Block Diagram (STM795)
Figure 11. Hardware Hookup
Note: 1. For STM690/802/804/805.
2. For STM795 only.
3. Not available on STM795.
4. For STM704/806.
AI08852
VRST
VOUT
VCCSW
ECON
COMPARE
COMPARE
COMPARE
trec
Generator
ECON OUTPUT
CONTROL
VPFI
VBAT
VSO
VCC
PFI
RST
PFO
E
E
VCC
AI08853
VCC
ECON
(2)
MR(4)
VOUT
VCCSW
(2)
E
VCC
LPSRAM
PFI(3)
0.1
µF
0.1
µF
STM690/704/
795/802/804/
805/806
WDI(1)
PFO(3)
RST
To Microprocessor Reset
Unregulated
Voltage
Regulator
VCC
VIN
R1
R2
Push-Button
From Microprocessor
E(2)
VBAT
To Microprocessor NMI


Similar Part No. - STM690_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6904 STMICROELECTRONICS-STM6904 Datasheet
169Kb / 21P
   Quad, ultralow voltage supervisor with push-button reset
STM6904PWEDS6E STMICROELECTRONICS-STM6904PWEDS6E Datasheet
169Kb / 21P
   Quad, ultralow voltage supervisor with push-button reset
STM6904PWEDS6F STMICROELECTRONICS-STM6904PWEDS6F Datasheet
169Kb / 21P
   Quad, ultralow voltage supervisor with push-button reset
STM6904SFEDS6E STMICROELECTRONICS-STM6904SFEDS6E Datasheet
169Kb / 21P
   Quad, ultralow voltage supervisor with push-button reset
STM6904SFEDS6F STMICROELECTRONICS-STM6904SFEDS6F Datasheet
169Kb / 21P
   Quad, ultralow voltage supervisor with push-button reset
More results

Similar Description - STM690_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM690 STMICROELECTRONICS-STM690 Datasheet
445Kb / 31P
   3V Supervisor with Battery Switchover
STM1403 STMICROELECTRONICS-STM1403 Datasheet
162Kb / 9P
   3V FIPS-140 Security Supervisor with Battery Switchover
STM1404 STMICROELECTRONICS-STM1404 Datasheet
199Kb / 9P
   Security Supervisor with Battery Switchover
STM690A STMICROELECTRONICS-STM690A Datasheet
773Kb / 37P
   5V Supervisor with Battery Switchover
STM690 STMICROELECTRONICS-STM690_10 Datasheet
960Kb / 42P
   3 V supervisor with battery switchover
STM690A STMICROELECTRONICS-STM690A_10 Datasheet
1Mb / 43P
   5 V supervisor with battery switchover
STM1403 STMICROELECTRONICS-STM1403_08 Datasheet
361Kb / 34P
   3 V FIPS-140 security supervisor with battery switchover
STM1404 STMICROELECTRONICS-STM1404_08 Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
logo
Micro Analog systems
MCP7952X MAS-MCP7952X Datasheet
946Kb / 50P
   3V SPI Real-Time Clock Calendar with Battery Switchover
logo
Microchip Technology
MCP79510-IMS MICROCHIP-MCP79510-IMS Datasheet
946Kb / 50P
   3V SPI Real-Time Clock Calendar with Battery Switchover
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com