Electronic Components Datasheet Search |
|
NACK3R3M25V5X6.1TR13T2F Datasheet(PDF) 1 Page - NIC-Components Corp. |
|
NACK3R3M25V5X6.1TR13T2F Datasheet(HTML) 1 Page - NIC-Components Corp. |
1 / 3 page 44 ® NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA rms AT 100KHz AND 105OC) Surface Mount Aluminum Electrolytic Capacitors NACK Series FEATURES • CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING • VERY LOW IMPEDANCE (Up to 60% lower than NACZ) • WIDE TEMPERATURE RANGE (-55 +105OC) • REDUCED SIZE (Up to 50% smaller than NACZ) • DESIGNED FOR AUTOMATIC MOUNTING AND REFLOW SOLDERING CHARACTERISTICS Cap ( µF) Working Voltage (Vdc) 6.3 10162535506380 100 3.3 ------- 25 - 4.7 - - - - 90605040 - 10 - - 90 90 90 85 80 60 - 160 165 60 22 90 90 90 160 160 165 120 130 130 160 120 33 - 90 - 160 240 195 250 130 200 160 240 195 47 90 - 160 240 240 195 250 200 500 160 240 195 68 - - 240 240 280 - 250 500 500 100 160 - 240 280 280 350 400 500 793 240 300 600 150 - 240 280 600 600 670 800 500 793 220 240 160 280 600 600 670 800 - 917 300 300 330 280 600 600 600 850 900 - 793 917 300 470 600 600 600 850 1100 1610 1410 917 - 680 - 600 850 - 1100 1610 1690 - - 1000 600 850 - 1100 1800 1610 - - - 1500 850 - 1100 - 1800 - - - - 2200 - 1100 - 1800 - - - - - 3300 1100 - 1800 2060 - - - - - 4700 - 1800 2060 - - - - - - 6800 1800 2060 - - - - - - - Rated Voltage Range 6.3 ~ 100Vdc Rated Capactance Range 3.3 ~ 6,800 µF Operating Temperature Range -55°C ~ +105°C Capacitance Tolerance ±20%(M) Maximum Leakage Current after 2 minutes @ 20°C 0.01CV or 3 µA, whichever is greater Maximum Tan δ @ 120Hz/20°C W.V. (Vdc) 6.3 10 16 25 35 50 63 80 100 S.V. (Vdc) 8.0 13 20 32 44 63 79 100 125 All Case Sizes C ≤ 1,000µF 0.26 0.19 0.16 0.14 0.12 0.10 0.08 0.08 0.07 C = 2,200 µF - 0.21 - 0.16 ----- C = 3,300 µF 0.30 - 0.20 0.18 ----- C = 4,700 µF - 0.25 0.22 - - - - - - C = 6,800 µF 0.36 0.29 - - - - - - - Low Temperature Stability Impedance Ratio @ 120Hz Z -25°C/Z +20°C 222222222 Z -40°C/Z +20°C 333333333 Z -55°C/Z +20°C 444333333 Load Life Test @ 105°C 4 ~ 10mm Dia. 2,000 Hours 12.5 ~ 18mm Dia. 5,000 Hours Capacitance Change Within ±30% of initial measured value Tan δ Less than 200% of specified maximum value Leakage Current Less than specified maximum value Frequency 60Hz 120Hz 1KHz 10KHz 100KHz Correction Factor 0.7 0.75 0.9 0.95 1.0 RIPPLE CURRENT FREQUENCY CORRECTION FACTOR PRECAUTIONS Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC’s Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC’s technical support personnel: tpmg@niccomp.com RoHS Compliant includes all homogeneous materials *See Part Number System for Details NACK rev. 1 05212007 |
Similar Part No. - NACK3R3M25V5X6.1TR13T2F |
|
Similar Description - NACK3R3M25V5X6.1TR13T2F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |