Part Name
         Description
STG3690_05

 LOW VOLTAGE 5Ω MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE ( 12 Page)


STMICROELECTRONICS
100% 
Zoom Out Zoom In
 6 page
background image
STG3690
6/12
Figure 9: Test Circuit
CL = 5/35pF or equivalent (includes jig and probe capacitance)
RL = 50Ω or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
Figure 10: Break Before Make Time Delay
Figure 11: Switching Time And Charge Injection (VGEN=0V, RGEN=0Ω, RL=1MΩ, CL=100pF)



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NC7SBU3157_05Low Voltage SPDT Analog Switch with 2V Undershoot Protection 1 2 3 4 5 MoreFairchild Semiconductor
STG3693Low voltage high bandwidth Quad SPDT switch 1 2 3 4 5 MoreSTMicroelectronics
74LCX00Low voltage CMOS QUAD 2-Input NAND gate with 5V tolerant inputs 1 2 3 4 5 MoreSTMicroelectronics
74VCX132_05Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
ISL54400Low Voltage Dual SPDT USB/Audio Switches with Negative Signal Capability 1 2 3 4 5 MoreIntersil Corporation
FSA4157Low Voltage 1OHM SPDT Analog Switch 1 2 3 4 5 MoreFairchild Semiconductor
74LCX126_05Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
ISL54208Low Voltage Dual SPDT USB/CVBS/ Audio Switches with Negative Signal Capability 1 2 3 4 5 MoreIntersil Corporation
ISL8499_06Ultra Low ON-Resistance +1.65V to +4.5V Single Supply Quad SPDT Dual DPDT Analog Switch 1 2 3 4 5 MoreIntersil Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl