Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NACL3R3M4X5.5TR13F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NACL3R3M4X5.5TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACL3R3M4X5.5TR13F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NACL3R3M4X5.5TR13F Datasheet HTML 1Page - NIC-Components Corp. NACL3R3M4X5.5TR13F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
7
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
Surface Mount Aluminum Electrolytic Capacitors NACL Series
FEATURES
• CYLINDRICAL V-CHIP CONSTRUCTION
• LOW LEAKAGE CURRENT (0.5
µA TO 2.0µA max.)
• LOW COST TANTALUM REPLACEMENT
• DESIGNED FOR REFLOW SOLDERING
CHARACTERISTICS
MAXIMUM PERMISSIBLE RIPPLE CURRENT
(mA rms AT 120Hz AND 85OC)
MAXIMUM ESR
(
Ω AT 120Hz AND 20OC)
y
c
n
e
u
q
e
r
F
z
H
0
5
z
H
0
0
1
<
f
z
H
0
0
1
z
H
K
1
<
f
z
H
K
1
z
H
K
0
1
<
f
f
z
H
K
0
1
n
o
it
c
e
r
r
o
C
r
o
t
c
a
F
8
.
0
0
.
1
3
.
1
5
.
1
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
RIPPLE CURRENT FREQUENCY CORRECTION FACTOR
Rated Voltage Rating
6.3 ~ 50Vdc
Rated Capacitance Range
0.1 ~ 100
µF
Operating Temperature Range
-40° ~ +85°C
Capacitance Tolerance
±20%(M)
Max. Leakage Current After 2 Minutes at 20°C
0.002CV or 0.5
µA, whichever is greater
Surge Voltage & Max. Tan
δ
W.V. (Vdc)
6.3
10
16
25
35
50
S.V. (Vdc)
8.0
13
20
32
44
63
Tan
δ @ 120Hz/20°C
0.24
0.20
0.18
0.14
0.12
0.10
Low Temperature
Stability
(Impedance Ratio @ 120Hz)
W.V. (Vdc)
6.3
10
16
25
35
50
Z-40°C/Z +20°C
4
3
2
2
2
2
Z-55°C/Z +20°C
8
8
4
4
4
4
Load Life Test
at Rated W.V.
85°C 2,000 Hours
Capacitance Change
Within ±25% of initial measured value
Tan
δ
Less than 200% of specified value
Leakage Current
Less than specified value
Cap.
(µF)
Working Voltage (Vdc)
6.3
10
16
25
35
50
0.1
-
-
-
-
-
1.0
0.22
-
-
-
-
-
2.3
0.33
-
-
-
-
-
3.5
0.47
-
-
-
-
-
5
1.0
-
-
-
-
-
10
2.2
-
-
-
-
-
15
3.3
-
-
-
-
-
18
4.7
-
-
-
18
20
23
10
-
-
25
28
30
34
22
31
35
39
52
54
-
33
39
43
57
63
-
-
47
47
59
68
-
-
-
100
71
76
-
-
-
-
Cap.
(µF)
Working Voltage (Vdc)
6.3
10
16
25
35
50
0.1
-
-
-
-
-
1660
0.22
-
-
-
-
-
754
0.33
-
-
-
-
-
503
0.47
-
-
-
-
-
353
1.0
-
-
-
-
-
166
2.2
-
-
-
-
-
75.4
3.3
-
-
-
-
-
50.3
4.7
-
-
-
49.5 42.3 35.3
10
-
-
26.5 23.2 19.9 16.6
22
18.1 15.1 12.1 10.6 9.05
-
33
12.6 10.1 8.04 7.04
-
-
47
8.47 7.06 5.65
-
-
-
100
3.98 3.32
-
-
-
-


Similar Part No. - NACL3R3M4X5.5TR13F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NAC-04-472 ETC2-NAC-04-472 Datasheet
192Kb / 3P
   High attenuation of common mode noise from 150kHz to 1MHz Single Phase 250 VAC
NAC-06-472 ETC2-NAC-06-472 Datasheet
192Kb / 3P
   High attenuation of common mode noise from 150kHz to 1MHz Single Phase 250 VAC
logo
Powerbox
NAC-10-472 POWERBOX-NAC-10-472 Datasheet
322Kb / 1P
   AC FILTER
logo
List of Unclassifed Man...
NAC-10-472 ETC2-NAC-10-472 Datasheet
192Kb / 3P
   High attenuation of common mode noise from 150kHz to 1MHz Single Phase 250 VAC
NAC-16-472 ETC2-NAC-16-472 Datasheet
192Kb / 3P
   High attenuation of common mode noise from 150kHz to 1MHz Single Phase 250 VAC
More results

Similar Description - NACL3R3M4X5.5TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com