Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NACC471K104X6.1TR13F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NACC471K104X6.1TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACC471K104X6.1TR13F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NACC471K104X6.1TR13F Datasheet HTML 1Page - NIC-Components Corp. NACC471K104X6.1TR13F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
14
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
15
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Rated Voltage Range
6.3 ~ 50Vdc
Rate Capacitance Range
0.1 ~ 1,000µF
Oerating Temp. Range
-40°C ~ +105°C
Capacitance Tolerance
±20% (M)
Max. Leakage Current
After 2 Minutes @ 20°C
0.01CV or 3µA
whichever is greater
Tan
δ @120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
S.V.(Vdc)
8
13
20
32
44
63
Tan
δ
0.3*
0.26
0.20
0.16
0.14
0.12
* 1,000
µF is 0.5
Load Life Test @ 105°C
4mm ~ 6.mm Dia. 3,000hrs
8mm ~ 10mm Dia. 5,000hrs
Capacitance Change
Within ± 30% of initial measured value
Tan
δ
Less than 300% of specified max. value
Leakage Current
Less than specified max. value
Surface Mount Aluminum Electrolytic Capacitors NACC Series
• CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING
• HIGH TEMPERATURE, EXTEND LIFE (5000 HOURS @ 105°C)
• 4X6.1mm ~ 10X10.5mm CASE SIZES
• DESIGNED FOR REFLOW SOLDERING
CHARACTERISTICS
FEATURES
NACC 101 M 16V 8X10.5 TR 13 F
RoHS Compliant
97% Sn, 3% Bi
330mm (13”) Reel
Tape & Reel
Size in mm
Working Voltage
Tolerance Code M=20%, K=10%
Capacitance Code in mF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10
µF
Series
Cap
(
µF)
Working Voltage (Vdc)
6.3
10
16
25
35
50
0.1
-
-
-
-
-
1.0
0.22
-
-
-
-
-
2.6
0.33
-
-
-
-
-
3.2
0.47
-
-
-
-
-
5.0
1.0
-
-
-
-
-
10
2.2
-
-
-
-
-
16
3.3
-
-
-
-
-
16
4.7
-
-
-
-
15
23
10
-
-
28
-
28
35
22
26
-
39
-
55
49
33
-
43
-
65
57
91
47
46
-
70
65
-
100
100
71
-
81
130
-
160
220
101
160
-
-
220
-
330
230
-
-
238
-
-
470
-
-
340
-
-
-
1000
313
-
-
-
-
-
MAXIMUM PERMISSIBLE RIPPLE CURRENT
(mA rms @ 120Hz AND 105°C)
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
PART NUMBER SYSTEM
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com


Similar Part No. - NACC471K104X6.1TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACC471M16V10X105TR13F NIC-NACC471M16V10X105TR13F Datasheet
87Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACC471K104X6.1TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com