Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLF051SURC-E12V Datasheet(PDF) 1 Page - Kingbright Corporation

Part # BLF051SURC-E12V
Description  5mm FLANGE BASED LED LAMP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

BLF051SURC-E12V Datasheet(HTML) 1 Page - Kingbright Corporation

  BLF051SURC-E12V Datasheet HTML 1Page - Kingbright Corporation BLF051SURC-E12V Datasheet HTML 2Page - Kingbright Corporation BLF051SURC-E12V Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPEC NO:DSAB2224
REV NO: V.3
DATE: APR/08/2003
PAGE: 1 OF 3
APPROVED: J.LU
CHECKED:Allen Liu
DRAWN: L.ZHANG
5mm FLANGE BASED LED LAMP
BLF051SURC/E12V
HYPER
RED
Description
The Hyper Red source color devices are made with DH
InGaAlP on GaAs substrate Light Emitting Diode.
Features
!
!
!
!
!
BUILT-IN CURRENT LIMITING RESISTOR FOR DIRECT
APPLICATION OF DIFFERENT ACROSS CURRENT.
!
!
!
!
!
LONG LIFE.
!
!
!
!
!
LOW CURRENT, POWER SAVINGS.
!
!
!
!
!
LOW MAINTENANCE.
!
!
!
!
!
DIFFERENT COLOR AVAILABLE.
!
!
!
!
!
SOLID STATE, HIGH VIBRATION RESISTANT.
!
!
!
!
!
12V INTERNAL RESISTOR.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
±0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.


Similar Part No. - BLF051SURC-E12V

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
BLF051SURC-E-6V KINGBRIGHT-BLF051SURC-E-6V Datasheet
68Kb / 3P
   5mm FLANGE BASED LED LAMP
BLF051SURC-E28V KINGBRIGHT-BLF051SURC-E28V Datasheet
68Kb / 3P
   5mm FLANGE BASED LED LAMP
More results

Similar Description - BLF051SURC-E12V

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
BLF051MGC-6V-P KINGBRIGHT-BLF051MGC-6V-P Datasheet
120Kb / 4P
   5mm FLANGE BASED LED LAMP
BLF051MGC-28V-P KINGBRIGHT-BLF051MGC-28V-P Datasheet
67Kb / 3P
   5mm FLANGE BASED LED LAMP
BLF051SURC-E28V KINGBRIGHT-BLF051SURC-E28V Datasheet
68Kb / 3P
   5mm FLANGE BASED LED LAMP
BLF051SURC-E-6V KINGBRIGHT-BLF051SURC-E-6V Datasheet
68Kb / 3P
   5mm FLANGE BASED LED LAMP
BLF052SURC-E28V KINGBRIGHT-BLF052SURC-E28V Datasheet
67Kb / 3P
   5mm FLANGE BASED LED LAMP
BLFA054SECK-12V KINGBRIGHT-BLFA054SECK-12V Datasheet
79Kb / 3P
   5mm FLANGE BASED LED LAMP
BLFA054SURCK-6V KINGBRIGHT-BLFA054SURCK-6V Datasheet
79Kb / 3P
   5mm FLANGE BASED LED LAMP
BLFA054SYCK-6V KINGBRIGHT-BLFA054SYCK-6V Datasheet
80Kb / 3P
   5mm FLANGE BASED LED LAMP
BLFA054MWC-6V-P KINGBRIGHT-BLFA054MWC-6V-P Datasheet
77Kb / 2P
   5mm FLANGE BASED LED LAMP
BLF051SYC-28V-P KINGBRIGHT-BLF051SYC-28V-P Datasheet
67Kb / 3P
   5mm FLANGE BASED LED LAMP
BLF052MGC-6V-P KINGBRIGHT-BLF052MGC-6V-P Datasheet
66Kb / 3P
   5mm FLANGE BASED LED LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com