Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKTGA32M0AALP00B05 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # MKTGA32M0AALP00B05
Description  Traps for TV/VCR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MKTGA32M0AALP00B05 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  MKTGA32M0AALP00B05 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MKTGA32M0AALP00B05 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MKTGA32M0AALP00B05 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MKTGA32M0AALP00B05 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Filters for Audio Visual Equipment
10
Part Number
Insertion Loss
(dB)
Picture
Carrier
(dB)
Chroma
Carrier
(dB)
Sound
Carrier
(dB)
Adjacent
Sound Carrier
(dB)
Adjacent
Picture Carrier
(dB)
Spurious
Response (1)
(dB)
Spurious
Response (2)
(dB)
SAFHM41M2VEFZ00B03
16.0 max.
40 min.
17 min.
3
±0.2
40 min.
35 min.
33 min.
[0 to 39.75MHz]
33 min.
[43.75 to 51.00MHz]
SAFHM54M2VEFZ00B03
16.0 max.
40 min.
22 min.
3
±0.2
40 min.
26 min.
26 min.
[0 to 52.75MHz]
30 min.
[56.75 to 64.00MHz]
SAW Filters for Digital Broadcasting
SAW Filter (for IF)
SAFJB38M9WTBZ00R10
M
38.91TB
1.0
±0.1
3.15
±0.1
3.15
±0.1
5.1
±0.2
11.3
±0.2
2.5
±0.1
2.5
±0.1
0.6
±0.2
(1)
(2)
(3)
(6)
(5)
(4)
: Electrode
(6)
(5)
(4)
(1)
(2)
(3)
(1) : Ground
(2) : Ground
(3) : Output
(4) : Output
(5) : Ground
(6) : Input
(in mm)
Part Number
Nominal Center
Frequency (fn)
(MHz)
System
Insertion
Loss
(dB)
3dB
Bandwidth
(MHz)
30dB
Bandwidth
(MHz)
Attenuation (1)
(dB)
SAFJB38M9WTBZ00R10
38.912
DAB IF
20.0 max.
1.4 min.
2.9 max.
-
SAFHM44M0WTHZL0B03
44.0
US DTV IF
19.5 max.
5.8 typ.
6.7 typ.
21 max./47.25MHz
SAFHM44M0WTJZL0B03
44.0
US DTV IF
19.5 max.
5.6 typ.
6.6 typ.
24 max./47.25MHz
SAW Filters for TV/VCR Dual Type
SAWKE58M7VCMZ00R02
M
1.0
±0.1
2.65
±0.1
2.65
±0.1
8.1
±0.2
10.3
±0.2
9.7
±0.2
7.3
±0.2
2.5
±0.1
2.5
±0.1
0.6
±0.2
(1)
(2)
(3)
(6)
(5)
(4)
: Electrode
(6)
(5)
(4)
(1)
(2)
(3)
(1) : Ground
(2) : Output (sound)
(3) : Output (picture)
(4) : Output (picture)
(5) : Ground
(6) : Input
(in mm)
Input marker
Part Number
Picture
Frequency
(fp) (MHz)
Insertion Loss
Picture Carrier
(dB)
Chroma Carrier
(dB)
Sound
Carrier
(dB)
Adjacent
Sound Carrier
(dB)
Adjacent
Picture Carrier
(dB)
SAWKE58M7VCMZ00R02
58.75
(Picture-ch)
max.(Picture-ch)
/28.0dB max.(Sound-ch)
4
±1.2dB(Picture-ch)
/20.0dB min.(Sound-ch)
3.5
±1.5dB(Picture-ch)
/15.0dBmin.(Sound-ch)
20 min.
(Picture-ch)/ -
40 min.(Picture-ch)
/22.0dB min.(Sound-ch)
40 min.(Picture-ch)
/22.0dB min.(Sound-ch)
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
06.12.25


Similar Part No. - MKTGA32M0AALP00B05

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MKT KEMET-MKT Datasheet
423Kb / 5P
   METALL IZED POLYE STER FILM CAPACITOR
logo
Schurter Inc.
MKT SCHURTER-MKT Datasheet
290Kb / 2P
   Surface Mount Fuse, 7 x 2.54 mm, Time-Lag T, 125 VAC, 125 VDC
logo
Kingtronics Internation...
MKT KINGTRONICS-MKT Datasheet
352Kb / 3P
   Radial Multilayer Ceramic Capacitors
logo
Schurter Inc.
MKT SCHURTER-MKT Datasheet
219Kb / 4P
   Surface Mount Fuse, 7 x 2.54 mm, Time-Lag T, 125 VAC, 125 VDC
MKT SCHURTER-MKT Datasheet
289Kb / 4P
   Surface Mount Fuse, 7 x 2.54 mm, Time-Lag T, 125 VAC, 125 VDC
04.01.2022
More results

Similar Description - MKTGA32M0AALP00B05

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
760-0107-FP OSCILENT-760-0107-FP Datasheet
139Kb / 2P
   For TV / VCR
773-0065 OSCILENT-773-0065 Datasheet
140Kb / 2P
   For TV / VCR
753-4725M-A OSCILENT-753-4725M-A Datasheet
130Kb / 2P
   For TV / VCR
752-0065 OSCILENT-752-0065 Datasheet
141Kb / 2P
   Trap For TV / VCR
772-0045 OSCILENT-772-0045 Datasheet
140Kb / 2P
   Ceramic Series For TV / VCR
753-39.5M-A OSCILENT-753-39.5M-A Datasheet
130Kb / 2P
   Ceramic Trap For TV/VCR
logo
Texas Instruments
SN761678 TI1-SN761678 Datasheet
331Kb / 20P
[Old version datasheet]   TV/VCR TUNER
logo
Hynix Semiconductor
GL3812 HYNIX-GL3812 Datasheet
108Kb / 6P
   AUDIO/VIDEO SWITCH FOR TV, VCR
logo
Texas Instruments
SN761678 TI1-SN761678_14 Datasheet
334Kb / 21P
[Old version datasheet]   TV/VCR TUNER
logo
Sanyo Semicon Device
LA7952 SANYO-LA7952 Datasheet
77Kb / 4P
   Video Switch for TV/VCR Use
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com