Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST45LF010-10-4C-QA Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST45LF010-10-4C-QA
Description  1 Mbit Serial Flash
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST45LF010-10-4C-QA Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST45LF010-10-4C-QA Datasheet HTML 1Page - Silicon Storage Technology, Inc SST45LF010-10-4C-QA Datasheet HTML 2Page - Silicon Storage Technology, Inc SST45LF010-10-4C-QA Datasheet HTML 3Page - Silicon Storage Technology, Inc SST45LF010-10-4C-QA Datasheet HTML 4Page - Silicon Storage Technology, Inc SST45LF010-10-4C-QA Datasheet HTML 5Page - Silicon Storage Technology, Inc SST45LF010-10-4C-QA Datasheet HTML 6Page - Silicon Storage Technology, Inc SST45LF010-10-4C-QA Datasheet HTML 7Page - Silicon Storage Technology, Inc SST45LF010-10-4C-QA Datasheet HTML 8Page - Silicon Storage Technology, Inc SST45LF010-10-4C-QA Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Data Sheet
1 Mbit Serial Flash
SST45LF010
©2003 Silicon Storage Technology, Inc.
S71128-04-000
3/03
372
FIGURE 2: PIN ASSIGNMENTS
TABLE
2: PIN DESCRIPTION
Symbol
Pin Name
Functions
SCK
Serial Clock
To provide the timing of the serial interface. Commands, addresses, or input data are latched
on the rising edge of the clock input, while output data is shifted out on the falling edge of the
clock input.
SI
Serial Data Input
To transfer commands, addresses, or data serially into the device. Inputs are latched on the
rising edge of the serial clock.
SO
Serial Data Output
To transfer data serially out of the device.
Data is shifted out on the falling edge of the serial clock.
CE#
Chip Enable
The device is enabled by a high to low transition on CE#.
WP#
Write Protect
To protect the device from unintentional Write (Erase or Program) operations. When WP# is
low, all Erase and Program commands are ignored. When WP# is high, the device may be
erased or programmed. This pin has an internal pull-up and could remain unconnected when
not used.
RST#
Reset
A high to low transition on RST# will terminate any operation in progress and reset the internal
logic to the standby mode. The device will remain in the reset condition as long as the RST# is
low. Operations may only occur when RST# is high. This pin has an internal pull-up and could
remain unconnected when not used.
VDD
Power Supply
To provide power supply (3.0-3.6V).
VSS
Ground
T2.5 372
1
2
3
4
8
7
6
5
WP#
VDD
CE#
SCK
RST#
VSS
SO
SI
Top View
372 ILL F01.6
1
2
3
4
8
7
6
5
WP#
VDD
CE#
SCK
Top View
RST#
VSS
SO
SI
372 ILL F01a.2
8-LEAD SOIC
8-CONTACT WSON


Similar Part No. - SST45LF010-10-4C-QA

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST45LF010-10-4C-QA SST-SST45LF010-10-4C-QA Datasheet
181Kb / 14P
   1 Megabit Serial Flash
More results

Similar Description - SST45LF010-10-4C-QA

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF010 SST-SST25VF010 Datasheet
283Kb / 22P
   1 Mbit SPI Serial Flash
SST25VF010 SST-SST25VF010_06 Datasheet
303Kb / 22P
   1 Mbit SPI Serial Flash
SST25VF010A SST-SST25VF010A Datasheet
292Kb / 25P
   1 Mbit SPI Serial Flash
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
logo
Eon Silicon Solution In...
EN25P10 EON-EN25P10 Datasheet
385Kb / 31P
   1 Mbit Uniform Sector, Serial Flash Memory
logo
Silicon Storage Technol...
SST25WF512 SST-SST25WF512 Datasheet
826Kb / 29P
   512 Kbit / 1 Mbit / 2 Mbit 1.8V SPI Serial Flash
logo
Microchip Technology
SST25WF512 MICROCHIP-SST25WF512 Datasheet
252Kb / 36P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
11/14
logo
Renesas Technology Corp
AT25EU0011A RENESAS-AT25EU0011A Datasheet
2Mb / 58P
   1-Mbit, Ultra-Low Energy Serial Flash Memory
May 19, 2022
logo
Dialog Semiconductor
AT25EU0011A DIALOG-AT25EU0011A Datasheet
1Mb / 62P
   1-Mbit, Ultra-Low Energy Serial Flash Memory
logo
Silicon Storage Technol...
SST25WF512 SST-SST25WF512_10 Datasheet
887Kb / 32P
   512 Kbit / 1 Mbit / 2 Mbit / 4Mbit 1.8V SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com